Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2225 Datasheet (PDF) - Micrel Semiconductor

MIC2225 Datasheet PDF - Micrel Semiconductor
Part # MIC2225_08
Download  MIC2225 Download
File Size   360.13 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2MHz 600mA Synchronous Buck Regulator with 300mA LDO

MIC2225 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2225 Datasheet PDF - Micrel Semiconductor

Part # MIC2225_08
Download  MIC2225 Click to download

File Size   360.13 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 2MHz 600mA Synchronous Buck Regulator with 300mA LDO

MIC2225 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC2225_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225-4MYMT MICREL-MIC2225-4MYMT Datasheet
357Kb / 14P
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225-4SYMT MICREL-MIC2225-4SYMT Datasheet
357Kb / 14P
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225-G4YMT MICREL-MIC2225-G4YMT Datasheet
357Kb / 14P
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2225-GFYMT MICREL-MIC2225-GFYMT Datasheet
357Kb / 14P
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results


Similar Description - MIC2225_08

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225 Datasheet
357Kb / 14P
2MHz 600mA Synchronous Buck Regulator with 300mA LDO
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
1.5MHz, 600mA, Synchronous Buck Regulator
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
600mA Synchronous Buck Regulator With Integrated Inductor
logo
Micrel Semiconductor
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
The Synchronous Buck Converter with 300mA LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com