Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78083 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78083
Description  650mA High Efficiency Synchronous Buck with Dual Channel LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78083 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78083 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP78083
LP78083 – Ver. 1.0 Datasheet
Feb.-2008
Page 2 of 8
Typical Application Circuit
LP78083
3
1
8
4
5
7
6
OUT2
SW
FB
Vin
OUT3
VDD
EN
OUT2
2.2uH
OUT1
VIN
OUT3
Figure 1. LP78083 High Efficiency Step-Down Converter
Functional Pin Description
Pin Number
Pin Name
Pin Function
1
SW
Ground.
2
GND
Pin For Switching
3
OUT2
Output2,LDO output
4
VIN
Power Input.
5
OUT3
Output3,LDO output
6
EN
DC/DC Chip Enable(Active High).
7
VDD
Power Input.
10
FB
Feedback Input Pin, Reference voltage is 0.6 V
Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com