Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78083 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78083
Description  650mA High Efficiency Synchronous Buck with Dual Channel LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78083 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78083 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78083 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP78083
LP78083 – Ver. 1.0 Datasheet
Feb.-2008
Page 1 of 8
650mA High Efficiency Synchronous Buck
with Dual Channel
LDO
General Description
The LP78083 are PMU, and contain a 650mA Buck
DC/DC and dual channel 350mA Linear Regulator,
Buck DC/DC is a constant frequency, current mode,
PWM step-down converter. The device integrates a
main switch and a synchronous rectifier for high
efficiency. The 2.1V to 6.5V input voltage range makes
the LP78083 is ideally suited for portable electronic
devices that are powered from 1-cell Li-ion battery or
from other power sources within the range such as
cellular phones, PDAs and handy-terminals. Internal
synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. The internal
synchronous switch increases efficiency while
eliminate the need for an external Schottky diode.The
switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
frequency of 1.5MHz. This along with small 2*2 DFN-8
package provide small PCB area application. Other
features include soft start, lower internal reference
voltage with 2% accuracy, over temperature protection,
and over current protection。
Ordering Information
LP78083 -□ □/ □ □ □ □ □
F: Pb-Free
Package Type
QV: SOT23-6
Out3 Voltage Type
30: 3.0V
33: 3.3V
Out2 Voltage Type
30: 3.0V
33: 3.3V
Features
650mA Buck High Efficiency: 96% 
1.5MHz Fixed-Frequency PWM Operation
Adjustable Output From 0.6V to VIN  
350mA LDO: 3.0V and 3.3V Fixed output
100% Duty Cycle Low Dropout Operation
Available in 2*2 TDFN-8 Package  
Low than 1µA Shutdown Current
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA
DSC
Wireless Card
Pin Configurations
PIN NO
Function
1
SW
2
GND
3
OUT2
4
VIN
5
OUT3
6
EN
7
VDD
8
FB1
Marking Information
Please see website.


Similar Part No. - LP78083

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
LP78081-30B6F POWER-LP78081-30B6F Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
LP78081-33B6F POWER-LP78081-33B6F Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
LP78084 POWER-LP78084 Datasheet
1Mb / 20P
Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
LP78084-18QVF POWER-LP78084-18QVF Datasheet
1Mb / 20P
Total Power solution of Portable Applications 800mA Charge 800mA Buck DC/DC300mA LDO
More results

Similar Description - LP78083

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9206 RICHTEK-RT9206 Datasheet
338Kb / 21P
High Efficiency, Synchronous Buck with Dual Linear Controllers
logo
BCD Semiconductor Manuf...
AP3406 BCDSEMI-AP3406 Datasheet
32Kb / 2P
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
600mA High Efficiency Synchronous Buck with 350mA LDO
LP78086 POWER-LP78086 Datasheet
333Kb / 9P
650mA High Efficiency Synchronous Buck with Dual Channel LDO
logo
BCD Semiconductor Manuf...
AP3406 BCDSEMI-AP3406_09 Datasheet
638Kb / 12P
1.1MHz, 650mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
Single Synchronous Buck with LDO Controller
logo
Monolithic Power System...
NB669 MPS-NB669 Datasheet
827Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
NB670 MPS-NB670 Datasheet
705Kb / 19P
24V, High Current Synchronous Buck Converter With LDO
logo
Dialog Semiconductor
PV88090 DIALOG-PV88090 Datasheet
1Mb / 42P
High Efficiency 3-Channel Buck Converter with dual LDO
logo
Renesas Technology Corp
PV88090 RENESAS-PV88090 Datasheet
1Mb / 43P
High Efficiency 3-Channel Buck Converter with dual LDO
04-Aug-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com