Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78086 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP78086
Description  650mA High Efficiency Synchronous Buck with Dual Channel LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78086 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP78086 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Preliminary
Datasheet
LP78086
LP78086 –00 Ver. 1.0 Datasheet
Feb.-2008
Page 2 of 9
Typical Application Circuit
OUT3-2.5V
R5
316K
R1
100K
OUT2-3.3V
OUT1-1.8V
+
Cout3
10uF
+
Cout1
1uF
+
Cout2
10uF
R4
100K
LP78086
3
4
2
5
7
8
10
11
GND
OUT2
SW
FB2
OUT3
FB3
FB1
PGND
R5
100K
R3
450K
R2
200K
+
CIN
10uF
VIN
+
Cout1
10uF
4.7uH
Figure 1. LP78086 High Efficiency Step-Down Converter
Functional Pin Description
Pin
Number
Pin Name
Pin Function
1
VDD
Chip Power Input.
2
SW
Pin For Switching.
3
GND
Ground.
4
OUT2
Output2,LDO output.
5
FB2
Feedback2(OUT2) Input Pin, Reference voltage is 1.21V.
6
VINL
LDO2,LDO3 Power Input.
7
OUT3
Output3,LDO output LDO Chip Enable(Active High).
8
FB3
Feedback3(OUT3) Input Pin, Reference voltage is 1.21V.
9
EN
Chip Enable(Active High).
10
FB1
Feedback1(OUT1) Input Pin, Reference voltage is 0.6V.
11
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com