Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP78086 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP78086
Description  650mA High Efficiency Synchronous Buck with Dual Channel LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78086 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP78086 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78086 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary
Datasheet
LP78086
LP78086 –00 Ver. 1.0 Datasheet
Feb.-2008
Page 4 of 9
Electrical Characteristics
(VIN = 3.6V, VOUT1 = 2.5V, VREF = 0.6V, L = 2.2µH, CIN= 4.7µF, COUT= 10µF, TA= 25°C, IMAX = 600mA
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VFB =0.5V
IOUT = 0mA, VFB =0.7V
270
25
350
35
uA
Shutdown Current
ISHDN
EN = GND
0.1
1
uA
VFB1
For DC/DC adjustable output voltage
0.588
0.60
0.612
V
VFB2
For LDO2 adjustable output voltage
1.18
1.21
1.24
V
Reference Voltage
VFB3
For LDO3 adjustable output voltage
1.18
1.21
1.24
V
Adjustable Output Range
VOUT
VREF
VIN −
0.2
V
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.2V 0A <
IOUT < 650mA
3
+3
%
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.5V 0A <
IOUT < 650mA
3
+3
%
Output
Voltage
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.8V 0A <
IOUT < 650mA
3
+3
%
Accuracy
Δ
VOUT
VIN = 2.8 to 5.5V, VOUT = 2.5V 0A <
IOUT < 650mA
3
+3
%
Fixed
Δ
VOUT
VIN = 3.5 to 5.5V, VOUT = 3.3V 0A <
IOUT < 650mA
3
+3
%
Δ
VOUT
VIN = VOUT + 0.2V to 5.5V, VIN ≧
3.5V 0A < IOUT < 650mA
3
+3
%
Adjustable
Δ
VOUT
VIN = VOUT + 0.4V to 5.5V, VIN ≧
2.2V 0A < IOUT < 650mA
3
+3
%
LDO Output
current
ILDO
300
350
400
mA
PMOSFET
RON
PRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.45
0.53
Ω
NMOSFET
RON
NRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.45
Ω
P-Channel
Current Limit
IP(LM)
VIN =2.2
to 5.5V
600
800
1000
mA
EN
Threshold
VEN
0.8
1.2
1.5
V
EN Leakage
Current
VENL
--
2
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com