Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2202 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP2202
Description  250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2202 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP2202 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Datasheet
LP2202
LP2202 – Ver. 1.0 Datasheet
Dec.-2006
Page 3 of 8
Absolute Maximum Ratings
Supply Input Voltage------------------------------------------------------------------------------------------------------6V
Power Dissipation, PD @ TA = 25°C
SOT23-6 ----------------------------------------------------------------------------------------------------455mW
Package Thermal Resistance
SOT23-6, θJA ----------------------------------------------------------------------------------------------------------220°C/W
Lead Temperature (Soldering, 10 sec.) -----------------------------------------------------------------------------260°C
Storage Temperature Range ----------------------------------------------------------------------------- −65°C to 150°C
ESD Susceptibility
HBM (Human Body Mode) -------------------------------------------------------------------------------------------2kV
MM(Machine-Mode)-----------------------------------------------------------------------------------------------------200V
Recommended Operating Conditions
Operation Junction Temperature Range -----------------------------------------------------------−40°C to 125°C
Operation Ambient TemperatureRange---------------------------------------------------------------−40°C to 85°C
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 1µF, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max
Units
Output Voltage Accuracy
ΔVOUT
IOUT = 1mA
−2
--
+2
%
Current Limit
ILIM
RLOAD = 1Ω
360 450 700
mA
Quiescent Current
IQ
VEN ≥ 1.2V, IOUT = 0mA
75
110
μA
Dropout Voltage
VDROP
IOUT = 200mA, VOUT >
2.8V
170 200
mV
IOUT = 250mA, VOUT >
2.8V
220 300
Line Regulation
ΔVLINE
VIN = (VOUT + 1V) to
5.5V, IOUT = 1mA
0.3
%
Load Regulation
ΔLOAD
1mA < IOUT < 300mA
0.6
%
Standby Current
ISTBY
VEN = GND, Shutdown
0.01 1
μA
EN Input Bias Current
IIBSD
VEN = GND or VIN
0
100
nA
EN Threshold
Logic-Low
Voltage
VIL
VIN = 3V to 5.5V,
Shutdown
0.4
V
Logic-High
Voltage
VIH
VIN = 3V to 5.5V,
Start-Up
1.2
Output Noise Voltage
10Hz to 100kHz, IOUT =
200mA COUT = 1µF
100
uVRMS
Power Supply
f = 100Hz PSRR
−75
dB
Rejection Rate
f = 10kHz
COUT = 1µF,
IOUT = 10mA
−65
Thermal Shutdown Temperature
TSD
165
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com