Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2202 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP2202
Description  250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2202 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP2202 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2202 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP2202
LP2202 – Ver. 1.0 Datasheet
Dec.-2006
Page 1 of 8
250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
General Description
The LP2202 is a dual channel, low noise, and low
dropout regulator sourcing up to 250mA at each
channel. The range of output voltage is from 1.2V to
3.6V by operating from 2.5V to 5.5V input.
LP2202 offers 2% accuracy, extremely low dropout
voltage (220mV @ 250mA), and extremely low
ground current, only 25µA per LDO. The shutdown
current is near zero current which is suitable for
battery-power devices. Other features include current
limiting, over temperature, output short circuit
protection.
LP2202 is short circuit thermal folded back protected.
LP2202 lowers its OTP trip point from 165°C to
110°C when output short circuit occurs (VOUT <
0.4V) providing maximum safety to end users.
LP2202 can operate stably with very small ceramic
output capacitors, reducing required board space and
component cost. LP2202 is available in fixed output
voltages in the SOT-23-6 package.
Ordering Information
LP2202 -
□ □ □ □
F: Pb-Free
Package Type
B6: SOT23-6
Out1/Out2 Voltage Type
18/28: 1.8V/2.8V
25/28: 2.5V/2.8V
28/28: 2.8V/2.8V
Typical Application Circuit
1uF
LP2202
Chip Enable
VIN
VOUT2
1uF
4
1
2
6
5
3
EN1
Vout2
GND
Vout1
Vin
EN2
VOUT1
1uF
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V 
Low-Noise for RF Application
High PSRR 70dB at 1kHz
No Noise Bypass Capacitor Required 
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Dual LDO Outputs (300mA/300mA)
High Output Accuracy 2%
Ultra-low Quiescent Current 27uA
Thermal Shutdown Protection
Thermal Shutdown Protection
Tiny SOT-23-6 and 8-Lead DFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Smart mobile phone
Battery-Powered Equipment
DSC Sensor
Wireless Card
Pin Configurations
Marking Information
Please see website.
SOT23-6 (Top View)


Similar Part No. - LP2202

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
LP2202 CIT-LP2202 Datasheet
175Kb / 2P
CIT SWITCH
LP2202F180N.LC01 CIT-LP2202F180N.LC01 Datasheet
175Kb / 2P
CIT SWITCH
LP2202F180N.LC02 CIT-LP2202F180N.LC02 Datasheet
175Kb / 2P
CIT SWITCH
LP2202F180N.LC03 CIT-LP2202F180N.LC03 Datasheet
175Kb / 2P
CIT SWITCH
LP2202F180N.LC04 CIT-LP2202F180N.LC04 Datasheet
175Kb / 2P
CIT SWITCH
More results

Similar Description - LP2202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BM9166 ETC1-BM9166 Datasheet
253Kb / 9P
250mA CMOS LDO
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9185 RICHTEK-RT9185 Datasheet
184Kb / 14P
Triple, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Lowpower Semiconductor ...
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
SG Micro Corp
SGM2022 SGMICRO-SGM2022_15 Datasheet
302Kb / 11P
Dual, Low Dropout, 250mA LDO Regulator
SGM2027 SGMICRO-SGM2027 Datasheet
289Kb / 11P
Dual Low Dropout, 250mA LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com