Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT9185 Datasheet (PDF) - Richtek Technology Corporation

RT9185 Datasheet PDF - Richtek Technology Corporation
Part # RT9185
Download  RT9185 Download
File Size   184.43 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Triple, Ultra-Fast CMOS LDO Regulator

RT9185 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT9185 Datasheet PDF - Richtek Technology Corporation

Part # RT9185
Download  RT9185 Click to download

File Size   184.43 Kbytes
Page   14 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Triple, Ultra-Fast CMOS LDO Regulator

RT9185 Datasheet (HTML) - Richtek Technology Corporation


RT9185 Product details

General Description
The RT9185 series are efficient, precise triple-channel CMOS LDO regulators specifically designed for motherboard application. The device is intended to powering the standby voltage in which 3.3V_PCI, 2.5V_Clock and 1.8V_ICH2 or 1.5V_ICH4 core voltage of the PC based computer system. Moreover, it is also optimized for CD/DVD-ROM, CD/RW, XDSL Router or IA equipments applications. The regulator outputs are capable of sourcing 1.5A, 0.8A and 0.3A of output current respectively.

Features
● Fixed Output Voltages : 3.35V at 1.5A, 2.55V at 0.8A and 1.5V or 1.8V at 0.3A
● Low Quiescent Current (Typically 0.4mA)
● Operating Voltage Ranges : 3.5V to 5.5V
● Ultra-Fast Transient Response
● Tight Load and Line Regulation
● Current Limiting Protection
● Thermal Shutdown Protection
● Only Low-ESR Ceramic Capacitors Required for Stability
● Custom Voltage Available
● RoHS Compliant and 100% Lead (Pb)-Free

Applications
● Mother-board Power Supply
● CD/DVD-ROM, CD/RW
● XDSL Router
● IA Equipments
● Cable Modems




Similar Part No. - RT9185

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9181 RICHTEK-RT9181 Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
RT9181 RICHTEK-RT9181 Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181-18GB RICHTEK-RT9181-18GB Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181-18PB RICHTEK-RT9181-18PB Datasheet
124Kb / 10P
150mA LDO Regulator with PGOOD
RT9181CB RICHTEK-RT9181CB Datasheet
200Kb / 10P
150MA LDO REGULATOR WITH POG
More results


Similar Description - RT9185

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9009 RICHTEK-RT9009 Datasheet
142Kb / 9P
2.5A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187A RICHTEK-RT9187A Datasheet
213Kb / 11P
300mA, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com