Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3164 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3164
Description  4-Channel Current Source White LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3164 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3164 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Preliminary
Datasheet
LP3164
LP3164 – Ver. 1.0 Datasheet
Feb.-2008
Page 1 of 5
4-Channel Current Source White LED Driver
General Description
The LP3164 is a low-dropout bias supply for white LEDs is
a high-performance alternative to the simple ballast
resistors used in conventional white LED designs. It
supports 4 white LEDs with regulated constant current for
uniform intensity. The LP3164 maintains low dropout
current regulators. The LP3164 requires a 50mV dropout
at a 20mA load on each output to match the LED brightness.
The brightness of LEDs can be tuned through a pulse width
modulated signal at the PWM pin.
The LP3164 is available in a QFN-16 package.
Order Information
LP3164 -
□ □ □
F: Pb-Free
Package Type
QV: QFN-16
Applications
LCD Panel
Cellular and Smart mobile phone
PDA/DSC
PMP
Features
2.7V to 6V Input Voltage
20mA maxim sink current
PWM tuned LED brightness through PWM
pin(2KHz)
Soft Start Function
Built-in Thermal Protection
IQ<1uA in Shutdown
QFN-16 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
VBATT
1uF
LP3164
6
8
7
1
15
16
5
2
13
12
11
10
3
9
4
14
PGND
EN
VIN
NC
NC
NC
GND
NC
LED1
LED2
LED3
LED4
NC
NC
NC
NC
PWM
Marking Information
Please see website.


Similar Part No. - LP3164

ManufacturerPart #DatasheetDescription
logo
Optronics International
LP31 OPTRONICS-LP31 Datasheet
151Kb / 1P
Mini License Plate Light
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
National Semiconductor ...
LP311 NSC-LP311 Datasheet
154Kb / 6P
LP311 Voltage Comparator
More results

Similar Description - LP3164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Lowpower Semiconductor ...
LP3360 POWER-LP3360 Datasheet
225Kb / 6P
4-Channel Constant Current White LED Driver
logo
Richtek Technology Corp...
RT9368 RICHTEK-RT9368 Datasheet
225Kb / 10P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
RT9368A RICHTEK-RT9368A Datasheet
217Kb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
logo
Advanced Power Electron...
APE1601 A-POWER-APE1601 Datasheet
498Kb / 13P
White LED Driver (120mA Charge Pump with Current Source)
logo
Integrated Silicon Solu...
IS31LT3554 ISSI-IS31LT3554 Datasheet
340Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
IS32BL3554 ISSI-IS32BL3554 Datasheet
344Kb / 13P
BOOST TYPE LED DRIVER WITH 4-CHANNEL CURRENT SOURCE
logo
SG Micro Corp
SGM3127 SGMICRO-SGM3127_18 Datasheet
1Mb / 11P
White LED Driver with Low Dropout Current Source
SGM3131 SGMICRO-SGM3131_16 Datasheet
2Mb / 13P
120mA 4-Channel Charge Pump White LED Driver with Low Dropout Current Source
SGM3133 SGMICRO-SGM3133_16 Datasheet
2Mb / 12P
4-Channel Charge Pump White LED Driver with Low Dropout Current Source
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com