Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3164 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3164
Description  4-Channel Current Source White LED Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3164 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3164 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3164 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Preliminary
Datasheet
LP3164
LP3164 – Ver. 1.0 Datasheet
Feb.-2008
Page 2 of 5
Functional Pin Description
Pa rt No .
P a cka g e Ty pe
P i n Co nf ig u r at io ns
LP3164
QFN-16
NC
NC
PGND
14
EN
AGND
7
15
PGND
NC
6
13
5
VIN
8
LED1
16
PIN
QFN-16
NAME
DESCRIPTION
1,2,3,4,9,14,15,16
NC
No Internal Connection.
5/6
AGND/PGND Ground.
7
VIN
Power Supply.
8
EN/PWM
Chip Enable(active High).and connects to a GPIO of MCU,the GPIO
supply a PWM singal dimming method to control the brightness(0-20mA) of
white LEDs and the PWM frequency from 200Hz to 10KHz,the duty from
0% to 100%.the typical frequency is 2KHz.
10
LED4
LED4 cathode terminal.
11
LED3
LED3 cathode terminal.
12
LED2
LED2 cathode terminal.
13
LED1
LED1 cathode terminal
Function Block Diagram



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com