Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3361 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3361
Description  6-Channel Constant Current White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3361 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3361 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Preliminary Datasheet
LP3361
LP3361 – Ver. 1.0 Datasheet
Nov.-2008
Page 2 of 6
Application Information
Key Pad_CTRL
Main_Panel
ON/OFF
LP3361
11
2
3
1
8
7
4
6
5
9
10
GND
EN1
VDD1
LED1
VDD2
EN2
LED2
LED4
LED3
LED5
LED6
LP3361
11
2
3
1
8
7
4
6
5
9
10
GND
EN1
VDD1
LED1
VDD2
EN2
LED2
LED4
LED3
LED5
LED6
Sub_Panel
LP3361 Driver Panel and Keypad WLED Application
VBAT
VBAT
2.2uF
VBAT
ON/OFF
OFF
VBAT
2.2uF
Flash LED
ON/OFF
LP3361 Driver 5pcs White-LED Application
2.2uF
2.2uF
LP3361
11
2
3
1
8
7
4
6
5
9
10
GND
EN1
VDD1
LED1
VDD2
EN2
LED2
LED4
LED3
LED5
LED6
NC
LP3361 Driver 4pcs White-LED Application
NC
LP3361 Driver Flash White-LED Application
VBAT
22uF
NC
EN1
EN2
ILED
0
0
0mA
0
1
40mA
1
0
80mA
1
1
120mA
LP3361 Driver 6pcs White-LED Application
ON
2.2uF
SUB_CTRL
VBAT
OFF
VBAT
ON
4PCS LED
LP3361
11
2
3
1
8
7
4
6
5
9
10
GND
EN1
VDD1
LED1
VDD2
EN2
LED2
LED4
LED3
LED5
LED6
Main_Panel
Backlight_CTRL
NC
VBAT
LP3361 Driver Dual Panel Application
MAIN_CTRL
VBAT
VBAT
VBAT
ON/OFF
NC
VBAT
LP3361
11
2
3
1
8
7
4
6
5
9
10
GND
EN1
VDD1
LED1
VDD2
EN2
LED2
LED4
LED3
LED5
LED6
LP3361
11
2
3
1
8
7
4
6
5
9
10
GND
EN1
VDD1
LED1
VDD2
EN2
LED2
LED4
LED3
LED5
LED6
5PCS LED
6PCS LED
KeyPad_LED



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com