Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3361 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3361
Description  6-Channel Constant Current White LED Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3361 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3361 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3361 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Preliminary Datasheet
LP3361
LP3361 – Ver. 1.0 Datasheet
Nov.-2008
Page 3 of 6
Functional Pin Description
Pa cka g e Ty p e
Pin Con f igura t i o ns
TDFN-10
11
11
8
LED4
4
2
5
5
10
GND
3
1
GND
9
VDD1
7
LED1
LED3
LED5
6
EN1
LED2
VDD2
EN2
LED6
PIN
NAME
DESCRIPTION
1
LED1
LED1 cathode terminal. 20mA Current flows into LED. Floating is used to disable.
2
EN1
Device enable1 (active high).Control from LED1 to LED4 and used a PWM
dimming brightness.
3
VDD1
LED1~LED4 power supply.
4
LED2
LED2 cathode terminal. 20mA Current flows into LED. Floating is used to disable.
5
LED3
LED3 cathode terminal. 20mA Current flows into LED. Floating is used to disable.
6
LED4
LED4 cathode terminal. 20mA Current flows into LED. Floating is used to disable.
7
EN2
Device enable2 (active high).Control from LED5 to LED6 and used a PWM
dimming brightness.
8
VDD2
LED5,LED6 power supply.
9
LED5
LED2 cathode terminal. 20mA Current flows into LED. Floating is used to disable.
10
LED6
LED2 cathode terminal. 20mA Current flows into LED. Floating is used to disable.
11
GND
Gound.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com