Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5202 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPW5202
Description  Power Distribution Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPW5202 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LPW5202
LPW5202 – Ver. 1.0 Datasheet
OCT.-2006
Page 1 of 8
Power Distribution Switches
General Description
The LPW5202 is an integrated 120mΩ power switch for
self-powered and bus-powered Universal Series Bus
(USB) applications. A built-in charge pump is used to
drive the N-Channel MOSFET that is free of parasitic
body diode to eliminate any reversed current flow across
the switch when it is powered off. Its low quiescent
current (19µA) and small package (SOT-23-5) is
particularly
suitable
in
battery-powered
portable
equipment.
Several protection functions include soft start to limit
inrush current during plug-in, current limiting at 1.5A to
meet USB power requirement, and thermal shutdown to
protect damage under over current conditions.
Order Information
LPW5202 -
□ □ □
F: Pb-Free
Package Type
B5: SOT23-5
Applications
Power Switch
USB Device
Battery Charger Circuits
Features
120m Low Rdson,High-side NMOSFET
Guaranteed 0.8A Continuous Current
2.1V to 6V Input Voltage
Low19uASupplyCurrent
Soft Start Function
Built-In Short-Circuit Protection
Built-in Thermal Protection
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Marking Information
Please see website.


Similar Part No. - LPW5202

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPW5202 POWER-LPW5202 Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
LPW5202AB5F POWER-LPW5202AB5F Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
LPW5202ADB5F POWER-LPW5202ADB5F Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
LPW5202FB5F06 POWER-LPW5202FB5F06 Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
LPW5202FB5F11 POWER-LPW5202FB5F11 Datasheet
1Mb / 14P
High-Side Load Switch with Over-Current Protection
Rev1.7 June-2022
More results

Similar Description - LPW5202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2010A TI-TPS2010A Datasheet
356Kb / 22P
POWER-DISTRIBUTION SWITCHES
TPS2014 TI-TPS2014 Datasheet
430Kb / 22P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
376Kb / 23P
POWER-DISTRIBUTION SWITCHES
TPS2080 TI-TPS2080 Datasheet
424Kb / 19P
POWER DISTRIBUTION SWITCHES
TPS2030 TI-TPS2030 Datasheet
470Kb / 25P
POWER DISTRIBUTION SWITCHES
TPS2030-Q1 TI1-TPS2030-Q1 Datasheet
436Kb / 24P
POWER-DISTRIBUTION SWITCHES
TPS2031 TI1-TPS2031_12 Datasheet
815Kb / 29P
POWER-DISTRIBUTION SWITCHES
TPS2041DR TI-TPS2041DR Datasheet
578Kb / 25P
POWER-DISTRIBUTION SWITCHES
logo
Unisonic Technologies
US202 UTC-US202_15 Datasheet
207Kb / 6P
POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2090 TI1-TPS2090_16 Datasheet
1Mb / 26P
POWER-DISTRIBUTION SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com