Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5202 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LPW5202
Description  Power Distribution Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5202 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LPW5202 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 5Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 6Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 7Page - Lowpower Semiconductor inc LPW5202 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Datasheet
LPW5202
LPW5202 – Ver. 1.0 Datasheet
OCT.-2006
Page 3 of 8
Absolute Maximum Ratings
Input Voltage to GND (VINA, VINB) ---------------------------------------------------------------------------- 7V
EN Voltage ---------------------------------------------------------------------------------------------0.3V to 7V
Operating Junction Temperature Range (TJ) ----------------------------------------------------20℃ to 100℃
Maximum Soldering Temperature (at leads, 1 0sec) -----------------------------------------------------300℃
HBM(Human Body Mode)-------------------------------------------------------------------------------------- 8KV
Thermal Information
Maximum Power Dissipation (PD) ------------------------------------------------------------------------0.25W
Thermal Resistance (JA) ---------------------------------------------------------------------------------- 250℃/W
Electrical Characteristics
(Over recommended operating conditions unless specified otherwise) VINA =3.6V,EN=High, TA=25℃ )
LPW520
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.1
6
V
RDS(ON)
Output NMOSFET RDS(ON)
120
m
IQ
Quiescent Current
Vin=3V
19
28
uA
ISHDN
Shutdown Current
ENB = GND
1
µA
VEN(L)
Enable Threshold Low
0.4
V
VEN(H)
Enable Threshold High
1.5
V
IEN
Input Low Current
VINB = VENB = 5.5V
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com