Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231-E/OT Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP6231-E/OT
Description  20 關A, 300 kHz Rail-to-Rail Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231-E/OT Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP6231-E/OT Datasheet HTML 31Page - Microchip Technology MCP6231-E/OT Datasheet HTML 32Page - Microchip Technology MCP6231-E/OT Datasheet HTML 33Page - Microchip Technology MCP6231-E/OT Datasheet HTML 34Page - Microchip Technology MCP6231-E/OT Datasheet HTML 35Page - Microchip Technology MCP6231-E/OT Datasheet HTML 36Page - Microchip Technology MCP6231-E/OT Datasheet HTML 37Page - Microchip Technology MCP6231-E/OT Datasheet HTML 38Page - Microchip Technology MCP6231-E/OT Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
© 2009 Microchip Technology Inc.
DS21881E-page 35
MCP6231/2/4
APPENDIX A: REVISION HISTORY
Revision E (August 2009)
The following is the list of modifications:
1.
Added the 2x3 TDFN package for MCP6232.
2.
Updated the 2x3 DFN package information for
MCP6231.
3.
Updated the
“Temperature Characteristics”
table.
4.
Updated
Section 3.0 “Pin Descriptions”.
5.
Updated the Package Outline Drawings in
Section 6.0 “Packaging Information”.
6.
Updated the Product Identification Systems
section.
Revision D (May 2008)
The following is the list of modifications:
1.
Changed Heading “Available Tools” to “Design
Aids”.
2.
Design Aids: Name change for Mindi Simulator
Tool.
3.
Package Types: Added DFN to MCP6231
Device.
4.
Absolute
Maximum
Ratings:
Numerous
changes in this section.
5.
Updated
notes
to
Section 1.0 “Electrical
Characteristics”.
6.
Added Test Circuits to
Section 1.0 “Electrical
Characteristics”.
7.
Corrected Figure 2-7.
8.
Added Figure 2-19.
9.
Numerous
changes
to
Section 3.0
“Pin
Descriptions”.
10. Added
Section 4.1.1
“Phase
Reversal”,
Section 4.1.2 “Input Voltage and Current
Limits”,
and
Section 4.1.3
“Normal
Operation”.
11. Replaced
Section 5.0 “Design Aids” with
additional information.
12. Updated
Section 6.0
“Packaging
Information” with updated Package Outline
Drawings.
Revision C (March 2005)
The following is the list of modifications:
1.
Added the MCP6234 quad op amp.
2.
Corrected
plots
in
Section 2.0
“Typical
Performance Curves”.
3.
Added
Section 3.0 “Pin Descriptions”.
4.
Added new SC-70 package markings. Added
PDIP-14, SOIC-14, and TSSOP-14 packages
and corrected package marking information
(
Section 6.0 “Packaging Information”).
5.
Added
Appendix A: “Revision History”.
Revision B (August 2004)
• Undocumented changes.
Revision A (March 2004)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com