Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6231-E/OT Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6231-E/OT
Description  20 關A, 300 kHz Rail-to-Rail Op Amp
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6231-E/OT Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6231-E/OT Datasheet HTML 14Page - Microchip Technology MCP6231-E/OT Datasheet HTML 15Page - Microchip Technology MCP6231-E/OT Datasheet HTML 16Page - Microchip Technology MCP6231-E/OT Datasheet HTML 17Page - Microchip Technology MCP6231-E/OT Datasheet HTML 18Page - Microchip Technology MCP6231-E/OT Datasheet HTML 19Page - Microchip Technology MCP6231-E/OT Datasheet HTML 20Page - Microchip Technology MCP6231-E/OT Datasheet HTML 21Page - Microchip Technology MCP6231-E/OT Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MCP6231/1R/1U/2/4
DS21881E-page 18
© 2009 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (
MCP6234)Example:
14-Lead TSSOP (
MCP6234)
Example
:
14-Lead SOIC (150 mil) (
MCP6234)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
MCP6234
0929256
6234E
0929
256
XXXXXXXXXX
MCP6234
0929256
E/P^^
E/SL^^
3
e
3
e
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
MCP6232
E/SN0929
256
MCP6232E
SN
0929
256
OR
3
e
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
MCP6232
E/P256
0929
MCP6232
E/P
256
0929
3
e
OR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com