Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73833 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP73833
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833 Datasheet(HTML) 4 Page - Microchip Technology

  MCP73833 Datasheet HTML 1Page - Microchip Technology MCP73833 Datasheet HTML 2Page - Microchip Technology MCP73833 Datasheet HTML 3Page - Microchip Technology MCP73833 Datasheet HTML 4Page - Microchip Technology MCP73833 Datasheet HTML 5Page - Microchip Technology MCP73833 Datasheet HTML 6Page - Microchip Technology MCP73833 Datasheet HTML 7Page - Microchip Technology MCP73833 Datasheet HTML 8Page - Microchip Technology MCP73833 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP73833/4
DS22005B-page 4
© 2009 Microchip Technology Inc.
Preconditioning Current Regulation (Trickle Charge Constant Current Mode)
Precondition Current Ratio
IPREG / IREG
7.5
10
12.5
%
PROG = 1.0 k
Ω to 10 kΩ
15
20
25
%
TA=-5°C to +55°C
30
40
50
%
—
100
—
%
Precondition Voltage Threshold
Ratio
VPTH / VREG
64
66.5
70
%
VBAT Low-to-High
69
71.5
75
%
Precondition Hysteresis
VPHYS
—
100
—
mV
VBAT High-to-Low
Charge Termination
Charge Termination Current Ratio
ITERM / IREG
3.75
5
6.25
%
PROG = 1.0 k
Ω to 10 kΩ
5.6
7.5
9.4
%
TA=-5°C to +55°C
7.5
10
12.5
%
15
20
25
%
Automatic Recharge
Recharge Voltage Threshold Ratio
VRTH / VREG
—
94.0
—
%
VBAT High-to-Low
—
96.5
—
%
Pass Transistor ON-Resistance
ON-Resistance
RDSON
—
300
—
m
Ω
VDD = 3.75V
TJ = 105°C
Battery Discharge Current
Output Reverse Leakage Current
IDISCHARGE
—
0.15
2
µA
PROG Floating
—0.25
2
µA
VDD < VBAT
—0.15
2
µA
VDD < VSTOP
—
-5.5
-15
µA
Charge Complete
Status Indicators - STAT1, STAT2, PG
Sink Current
ISINK
—15
25
mA
Low Output Voltage
VOL
—0.4
1
V
ISINK = 4 mA
Input Leakage Current
ILK
—
0.01
1
µA
High Impedance, 6V on pin
PROG Input
Charge Impedance Range
RPROG
1—
20
k
Ω
Standy Impedance
RPROG
70
—
200
k
Ω
Minimum Impedance for
Standby
Thermistor Bias
Thermistor Current Source
ITHERM
47
50
53
µA
2 k
Ω < RTHERM < 50 kΩ
Thermistor Comparator
Upper Trip Threshold
VT1
1.20
1.23
1.26
V
VTHERM Low-to-High
Upper Trip Point Hysteresis
VT1HYS
—-50
—
mV
Lower Trip Threshold
VT2
0.235
0.25
0.265
V
VTHERM High-to-Low
Lower Trip Point Hysteresis
VT2HYS
—50
—
mV
System Test (LDO) Mode
Input High Voltage Level
VIH
(VDD-0.1)
——
V
THERM Input Sink Current
ISINK
3
6
20
µA
Stand-by or system test mode
Bypass Capacitance
CBAT
1—
—
µF
IOUT < 250 mA
4.7
—
—
µF
IOUT > 250 mA
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits apply for VDD= [VREG(Typical)+0.3V] to 6V, TA=-40°C to 85°C.
Typical values are at +25°C, VDD= [VREG(Typical)+1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com