Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73833 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73833
Description  Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73833 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73833 Datasheet HTML 1Page - Microchip Technology MCP73833 Datasheet HTML 2Page - Microchip Technology MCP73833 Datasheet HTML 3Page - Microchip Technology MCP73833 Datasheet HTML 4Page - Microchip Technology MCP73833 Datasheet HTML 5Page - Microchip Technology MCP73833 Datasheet HTML 6Page - Microchip Technology MCP73833 Datasheet HTML 7Page - Microchip Technology MCP73833 Datasheet HTML 8Page - Microchip Technology MCP73833 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22005B-page 1
MCP73833/4
Features
• Complete Linear Charge Management Controller
- Integrated Pass Transistor
- Integrated Current Sense
- Integrated Reverse Discharge Protection
• Constant Current / Constant Voltage Operation
with Thermal Regulation
• High Accuracy Preset Voltage Regulation:
- 4.2V, 4.35V, 4.4V, or 4.5V, + 0.75%
• Programmable Charge Current: 1A Maximum
• Preconditioning of Deeply Depleted Cells
- Selectable Current Ratio
- Selectable Voltage Threshold
• Automatic End-of-Charge Control
- Selectable Current Threshold
- Selectable Safety Time Period
• Automatic Recharge
- Selectable Voltage Threshold
• Two Charge Status Outputs
• Cell Temperature Monitor
• Low-Dropout Linear Regulator Mode
• Automatic Power-Down when Input Power
Removed
• Under Voltage Lockout
• Numerous Selectable Options Available for a
Variety of Applications:
- Refer to Section 1.0 “Electrical
Characteristics” for Selectable Options
- Refer to the Product Identification System for
Standard Options
• Available Packages:
- DFN-10 (3 mm x 3 mm)
- MSOP-10
Applications
• Lithium-Ion / Lithium-Polymer Battery Chargers
• Personal Data Assistants
• Cellular Telephones
• Digital Cameras
• MP3 Players
• Bluetooth Headsets
• USB Chargers
Description
The MCP73833/4 is a highly advanced linear charge
management controller for use in space-limited, cost
sensitive applications. The MCP73833/4 is available in
a 10-Lead, 3 mm x 3 mm DFN package or a 10-Lead,
MSOP package. Along with its small physical size, the
low number of external components required makes
the
MCP73833/4
ideally
suited
for
portable
applications. For applications charging from a USB
port, the MCP73833/4 can adhere to all the
specifications governing the USB power bus.
The MCP73833/4 employs a constant current/constant
voltage charge algorithm with selectable precondition-
ing and charge termination. The constant voltage
regulation is fixed with four available options: 4.20V,
4.35V, 4.40V, or 4.50V, to accomodate new, emerging
battery charging requirements. The constant current
value is set with one external resistor. The MCP73833/
4 limits the charge current based on die temperature
during high power or high ambient conditions. This
thermal regulation optimizes the charge cycle time
while maintaining device reliability.
Several options are available for the preconditioning
threshold, preconditioning current value, charge
termination value, and automatic recharge threshold.
The preconditioning value and charge termination
value are set as a ratio, or percentage, of the
programmed constant current value. Preconditioning
can be set
to 100%. Refer to Section 1.0 “Electrical
Characteristics” for available options and the
“Product Indentification System” for standard
options.
The MCP73833/4 is fully specified over the ambient
temperature range of -40°C to +85°C.
Package Types
DFN-10
MSOP-10
VDD
STAT1
STAT2
VSS
VBAT
THERM
PG(TE)
PROG
2
3
4
5
9
8
7
6
VDD
VBAT
110
STAT1
VDD
STAT2
VBAT
THERM
1
2
3
4
10
9
8
7 PG(TE)
VBAT
VDD
EP
11
5
6 PROG
VSS
Stand-Alone Linear Li-Ion / Li-Polymer Charge
Management Controller


Similar Part No. - MCP73833

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833-AMI MICROCHIP-MCP73833-AMI Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73833-AMI/UN MICROCHIP-MCP73833-AMI/UN Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73833-BZI MICROCHIP-MCP73833-BZI Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
More results

Similar Description - MCP73833

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73871 MICROCHIP-MCP73871 Datasheet
670Kb / 38P
Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller
2009
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com