Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1801 Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP1801
Description  150 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1801 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP1801 Datasheet HTML 18Page - Microchip Technology MCP1801 Datasheet HTML 19Page - Microchip Technology MCP1801 Datasheet HTML 20Page - Microchip Technology MCP1801 Datasheet HTML 21Page - Microchip Technology MCP1801 Datasheet HTML 22Page - Microchip Technology MCP1801 Datasheet HTML 23Page - Microchip Technology MCP1801 Datasheet HTML 24Page - Microchip Technology MCP1801 Datasheet HTML 25Page - Microchip Technology MCP1801 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22051C-page 21
MCP1801
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP1801: 150 mA, Low Quiescent Current LDO
Tape and Reel:
T
= Tape and Reel
Output Voltage *:
09
= 0.9V “Standard”
12
= 1.2V “Standard”
18
= 1.8V “Standard”
25
= 2.5V “Standard”
30
= 3.0V “Standard”
33
= 3.3V “Standard”
50
= 5.0V “Standard”
60
= 6.0V “Standard”
*Contact factory for other output voltage options.
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2.0% (Standard)
Temperature:
I
=
-40
°C to +85°C
Package Type:
OT = Plastic Small Outline Transistor (SOT-23) 5-lead,
PART NO.
X
XX
Output Feature
Code
Device
Voltage
X
Tolerance
X/
Temp.
XX
Package
X-
Tape
and Reel
Examples:
a)
MCP1801T-0902I/OT: Tape and Reel, 0.9V
b)
MCP1801T-1202I/OT: Tape and Reel, 1.2V
c)
MCP1801T-1802I/OT: Tape and Reel, 1.8V
d)
MCP1801T-2502I/OT: Tape and Reel, 2.5V
e)
MCP1801T-3002I/OT: Tape and Reel, 3.0V
f)
MCP1801T-3302I/OT: Tape and Reel, 3.3V
g)
MCP1801T-5002I/OT: Tape and Reel, 5.0V
h)
MCP1801T-6002I/OT: Tape and Reel, 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com