Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1801 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1801
Description  150 mA, High PSRR, Low Quiescent Current LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1801 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1801 Datasheet HTML 13Page - Microchip Technology MCP1801 Datasheet HTML 14Page - Microchip Technology MCP1801 Datasheet HTML 15Page - Microchip Technology MCP1801 Datasheet HTML 16Page - Microchip Technology MCP1801 Datasheet HTML 17Page - Microchip Technology MCP1801 Datasheet HTML 18Page - Microchip Technology MCP1801 Datasheet HTML 19Page - Microchip Technology MCP1801 Datasheet HTML 20Page - Microchip Technology MCP1801 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22051C-page 17
MCP1801
6.0
APPLICATION CIRCUITS &
ISSUES
6.1
Typical Application
The MCP1801 is most commonly used as a voltage
regulator. Its low quiescent current and low dropout
voltage make it ideal for many battery-powered
applications.
FIGURE 6-1:
Typical Application Circuit.
6.1.1
APPLICATION INPUT CONDITIONS
6.2
Power Calculations
6.2.1
POWER DISSIPATION
The internal power dissipation of the MCP1801 is a
function of input voltage, output voltage, and output
current. The power dissipation, as a result of the
quiescent current draw, is so low, it is insignificant
(25.0 µA x VIN). The following equation can be used to
calculate the internal power dissipation of the LDO.
EQUATION 6-1:
The maximum continuous operating temperature
specified for the MCP1801 is +85°C. To estimate the
internal junction temperature of the MCP1801, the total
internal power dissipation is multiplied by the thermal
resistance from junction to ambient (R
θ
JA). The thermal
resistance from junction to ambient for the SOT-23-5
pin package is estimated at 256°C/W.
EQUATION 6-2:
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package maximum
internal power dissipation.
EQUATION 6-3:
EQUATION 6-4:
EQUATION 6-5:
Package Type =
SOT-23-5
Input Voltage Range =
2.4V to 5.0V
VIN maximum =
5.0V
VOUT typical =
1.8V
IOUT =50 mA maximum
MCP1801
GND
VOUT
VIN
CIN
1µF
COUT
1 µF Ceramic
VOUT
VIN
2.4V to 5.0V
1.8V
IOUT
50 mA
SHDN
Ceramic
NC
P
LDO
V
IN MAX
)
()
V
OUT MIN
()
–
() I
OUT MAX
)
()
×
=
Where:
PLDO
=
LDO Pass device internal power
dissipation
VIN(MAX)
=
Maximum input voltage
VOUT(MIN)
=
LDO minimum output voltage
T
JMAX
()
P
TOTAL
R
θ
JA
×
T
AMAX
+
=
Where:
TJ(MAX)
=
Maximum continuous junction
temperature
PTOTAL
=
Total device power dissipation
R
θ
JA
=
Thermal resistance from
junction to ambient
TAMAX
=
Maximum ambient temperature
P
DMAX
()
T
JMAX
()
T
AMAX
()
–
()
R
θ
JA
---------------------------------------------------
=
Where:
PD(MAX)
=
Maximum device power
dissipation
TJ(MAX)
=
Maximum continuous junction
temperature
TA(MAX)
=
Maximum ambient temperature
R
θ
JA
=
Thermal resistance from
junction to ambient
T
JRISE
()
P
DMAX
()
R
θ
JA
×
=
Where:
TJ(RISE)
=
Rise in device junction
temperature over the ambient
temperature
PTOTAL
=
Maximum device power
dissipation
R
θ
JA
=
Thermal resistance from
junction to ambient
T
J
T
JRISE
()
T
A
+
=
Where:
TJ
=
Junction Temperature
TJ(RISE)
=
Rise in device junction
temperature over the ambient
temperature
TA
=
Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com