Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1631-E/ML Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1631-E/ML
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631-E/ML Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1631-E/ML Datasheet HTML 17Page - Microchip Technology MCP1631-E/ML Datasheet HTML 18Page - Microchip Technology MCP1631-E/ML Datasheet HTML 19Page - Microchip Technology MCP1631-E/ML Datasheet HTML 20Page - Microchip Technology MCP1631-E/ML Datasheet HTML 21Page - Microchip Technology MCP1631-E/ML Datasheet HTML 22Page - Microchip Technology MCP1631-E/ML Datasheet HTML 23Page - Microchip Technology MCP1631-E/ML Datasheet HTML 24Page - Microchip Technology MCP1631-E/ML Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 21
MCP1631/HV/MCP1631V/VHV
FIGURE 5-2:
+5.5V to +16.0V Input.
COMP
PGND
SHDN
OSCIN
OSCDIS
OVIN
VREF
AGND
NC
NC
AVDD_OUT
VSIN
ISIN
VSOUT
ISOUT
FB
CS
PVDD
VEXT
L1A
CIN
SCHOTTKY
DIODE
COUT
L1B
CC
MCP1631HV
VIN
AVDD_OUT
C
PIC12F683
R
VIN Range +5.5V to +16V
Multi-cell Multi-Chemistry Charger
GP0/C
GP5
GP3
GP1/C
GND
GP4
CCP1
VDD
RTHERM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com