Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1631-E/ML Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP1631-E/ML
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631-E/ML Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP1631-E/ML Datasheet HTML 12Page - Microchip Technology MCP1631-E/ML Datasheet HTML 13Page - Microchip Technology MCP1631-E/ML Datasheet HTML 14Page - Microchip Technology MCP1631-E/ML Datasheet HTML 15Page - Microchip Technology MCP1631-E/ML Datasheet HTML 16Page - Microchip Technology MCP1631-E/ML Datasheet HTML 17Page - Microchip Technology MCP1631-E/ML Datasheet HTML 18Page - Microchip Technology MCP1631-E/ML Datasheet HTML 19Page - Microchip Technology MCP1631-E/ML Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP1631/HV/MCP1631V/VHV
DS22063B-page 16
© 2008 Microchip Technology Inc.
3.7
Analog Ground (AGND)
Quiet or analog ground, connect to analog ground
plane to minimize noise on sensitive MCP1631
circuitry.
3.8
No Connection (NC)
No connection.
3.9
Input Voltage (VIN)
High voltage input for MCP1631HV/MCP1631VHV
devices, operates from 3.5V to 16V input supply.
3.10
Analog supply Input (AVDD_IN)
Analog bias input, minimum 3.0V to 5.5V operation for
MCP1631/MCP1631V devices.
3.11
Analog Supply Output (AVDD_OUT)
Regulated VDD output used to power internal
MCP1631 HV/MC P 16 31VHV a nd extern al
microcontroller, supplies up to 250 ma of bias current at
3.3V or 5.0V regulated low drop out rail.
3.12
Voltage Sense Input (VSIN)
Voltage sense amplifier (A3) input, connect to high
impedance battery voltage resistor divider to sense
battery voltage with minimal loading.
3.13
Current Sense Input (ISIN)
Connect to SEPIC secondary side sense resistor to
develop a regulated current source used to charge
multi-chemistry batteries.
3.14
Voltage Sense Output (VSOUT)
Voltage
sense
amplifier
output,
connect
to
microcontroller analog to digital converter to measure
battery voltage.
3.15
Current Sense Output (ISOUT)
Current sense amplifier output, connect to error
amplifier (A1) inverting input (FB) to regulate SEPIC
output current.
3.16
Error Amplifier Output (COMP)
Error amplifier (A1) output, connect control loop
compensation from FB input to COMP output pin.
3.17
Feedback (FB)
Error amplifier input (A1), connect to current sense
output amplifier (A2) to regulate current.
3.18
Current Sense or Voltage Ramp
(CS/VRAMP)
For MCP1631/MCP1631HV applications, connect to
low side current sense of SEPIC switch for current
mode control and peak current limit. For MCP1631/
MCP1631HV application, connect artificial ramp
voltage to VRAMP input for voltage mode PWM control.
3.19
Power VDD (PVDD)
Power VDD input, VEXT gate drive supply input, connect
to +5.0V or +3.3V supply for driving external MOSFET.
3.20
External Driver (VEXT)
High current driver output used to drive external
MOSFET at high frequency, capable of 1A peak
currents with +5.0V PVDD.
3.21
Exposed PAD 4x4 QFN (EP)
There is an internal electrical connection between the
Exposed Thermal Pad (EP) and the AGND pin; they
must be connected to the same potential on the Printed
Circuit Board (PCB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com