Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V02-E/MD Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6V02-E/MD
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V02-E/MD Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6V02-E/MD Datasheet HTML 20Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 21Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 22Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 23Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 24Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 25Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 26Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 27Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MCP6V01/2/3
DS22058C-page 24
© 2008 Microchip Technology Inc.
4.3
Application Tips
4.3.1
INPUT OFFSET VOLTAGE OVER
TEMPERATURE
Table 1-1 gives both the linear and quadratic tempera-
ture coefficients (TC1 and TC2) of input offset voltage.
The input offset voltage, at any temperature in the
specified range, can be calculated as follows:
EQUATION 4-1:
4.3.2
DC GAIN PLOTS
Figure 2-9, Figure 2-10 and Figure 2-11 are histograms
of the reciprocals (in units of µV/V) of CMRR, PSRR
and AOL, respectively. They represent the change in
input offset voltage (VOS) with a change in common
mode input voltage (VCM), power supply voltage (VDD)
and output voltage (VOUT).
The 1/AOL histogram is centered near 0 µV/V because
the measurements are dominated by the op amp’s
input noise. The negative values shown represent
noise, not unstable behavior. We validate the op amps’
stability by making multiple measurements of VOS;
instability would manifest itself as a greater unex-
plained variability in VOS or as the railing of the output.
4.3.3
SOURCE RESISTANCES
The input bias currents have two significant
components; switching glitches that dominate at room
temperature and below, and input ESD diode leakage
currents that dominate at +85°C and above.
Make the resistances seen by the inputs small and
equal. This minimizes the output offset caused by the
input bias currents.
The inputs should see a resistance on the order of 10
Ω
to 1 k
Ω at high frequencies (i.e., above 1 MHz). This
helps minimize the impact of switching glitches, which
are very fast, on overall performance. In some cases, it
may be necessary to add resistors in series with the
inputs to achieve this improvement in performance.
4.3.4
SOURCE CAPACITANCE
The capacitances seen by the two inputs should be
small and matched. The internal switches connected to
the inputs dump charges on these capacitors; an offset
can be created if the capacitances do not match.
4.3.5
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. These auto-zeroed op amps have a different
output impedance than most op amps, due to their
unique topology.
When driving a capacitive load with these op amps, a
series resistor at the output (RISO in Figure 4-6)
improves the feedback loop’s phase margin (stability)
by making the output load resistive at higher frequen-
cies. The bandwidth will be generally lower than the
bandwidth with no capacitive load.
FIGURE 4-6:
Output Resistor, RISO,
Stabilizes Capacitive Loads.
Figure 4-7 gives recommended RISO values for
different capacitive loads and is independent of the
gain.
FIGURE 4-7:
Recommended RISO values
for Capacitive Loads.
V
OS TA
()
V
OS
TC
1ΔTTC2ΔT
2
++
=
Where:
ΔT=TA –25°C
VOS(TA)
=
input offset voltage at TA
VOS
=
input offset voltage at +25°C
TC1
=
linear temperature coefficient
TC2
=
quadratic temperature
coefficient
RISO
CL
VOUT
MCP6V0X
10
100
1000
10000
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
CL (F)
1p
10p
100p
1n
10n
100n
10
100
1k
10k
GN < 2
GN = 5
GN = 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com