Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V02-E/MD Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP6V02-E/MD
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V02-E/MD Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP6V02-E/MD Datasheet HTML 26Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 27Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 28Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 29Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 30Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 31Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 32Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 33Page - Microchip Technology MCP6V02-E/MD Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MCP6V01/2/3
DS22058C-page 30
© 2008 Microchip Technology Inc.
4.4.3
THERMOCOUPLE SENSOR
Figure 4-18 shows a simplified diagram of an amplifier
and temperature sensor used in a thermocouple
application. The type K thermocouple senses the
temperature at the hot junction (THJ), and produces a
voltage at V1 proportional to THJ (in °C). The amplifier’s
gain is is set so that V4/THJ is 10 mV/°C. V3 represents
the output of a temperature sensor, which produces a
voltage proportional to the temperature (in °C) at the
cold junction (TCJ), and with a 0.50V offset. V2 is set so
that V4 is 0.50V when THJ –TCJ is 0°C.
EQUATION 4-5:
FIGURE 4-18:
Thermocouple Sensor;
Simplified Circuit.
Figure 4-19 shows a more complete implementation of
this circuit. The dashed red arrow indicates a thermally
conductive connection between the thermocouple and
the MCP9700A; it needs to be very short and have low
thermal resistance.
FIGURE 4-19:
Thermocouple Sensor.
The MCP9700A senses the temperature at its physical
location. It needs to be at the same temperature as the
cold junction (TCJ), and produces V3 (Figure 4-16).
The MCP1541 produces a 4.10V output, assuming
VDD is at 5.0V. This voltage, tied to a resistor ladder of
4.100(RTH) and 1.3224(RTH), would produce a Theve-
nin
equivalent
of
1.00V
and
250(RTH). The
1.3224(RTH) resistor is combined in parallel with the
top right RTH resistor (in Figure 4-18), producing the
0.5696(RTH) resistor.
V4 should be converted to digital, then corrected for the
thermocouple’s non-linearity. The ADC can use the
MCP1541 as its voltage reference. Alternately, an
absolute reference inside a PICmicro® can be used
instead of the MCP1541.
4.4.4
OFFSET VOLTAGE CORRECTION
Figure 4-20 shows a MCP6V01 correcting the input
offset voltage of another op amp. R2 and C2 integrate
the offset error seen at the other op amp’s input; the
integration needs to be slow enough to be stable (with
the feedback provided by R1 and R3).
FIGURE 4-20:
Offset Correction.
4.4.5
PRECISION COMPARATOR
Use high gain before a comparator to improve the
latter’s performance. Do not use MCP6V01/2/3 as a
comparator by itself; the VOS correction circuitry does
not operate properly without a feedback loop.
FIGURE 4-21:
Precision Comparator.
V1 ≈ THJ(40 µV/°C)
V2 = (1.00V)
V3 =TCJ(10 mV/°C) + (0.50V)
V4 =250V1 +(V2 –V3)
≈ (10 mV/°C) (THJ –TCJ) + (0.50V)
(RTH)/250
(RTH)
(RTH)/250
C
(RTH)
C
V4
MCP6V01
Type K
40 µV/°C
(RTH)
(RTH)
V1
V3
(hot junction
(cold junction
V2
Thermocouple
at THJ)
at TCJ)
RTH = Thevenin Equivalent Resistance
(RTH)/250
0.5696(RTH)
(RTH)/250
C
(RTH)
C
V4
MCP6V01
Type K
(RTH)
4.100(RTH)
V1
MCP9700A
VDD
MCP1541
VDD
3k
Ω
RTH = Thevenin Equivalent Resistance (e.g.: 10 kΩ)
MCP6V01
C2
R2
R1
R3
MCP6XXX
VDD/2
3k
Ω
VIN
VOUT
R2
MCP6V01
VIN
R3
R2
VDD/2
MCP6541
VOUT
R5
R4
R1
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com