Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V02-E/SN Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP6V02-E/SN
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V02-E/SN Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP6V02-E/SN Datasheet HTML 23Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 24Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 25Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 26Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 27Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 28Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 29Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 30Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22058C-page 27
MCP6V01/2/3
4.3.9.3
Difference Amplifier Layout for
Thermo-junctions
Figure 4-12 shows the recommended difference ampli-
fier circuit. Usually, we choose R1 =R2 and R3 =R4.
The guard traces (with ground vias at the ends) help
minimize the thermal gradients. The resistor layout
cancels the resistor thermal voltages, assuming the
temperature gradient is constant near the resistors:
EQUATION 4-3:
FIGURE 4-12:
PCB Layout and Schematic
for Single Difference Amplifier.
4.3.9.4
Dual Non-inverting Amplifier Layout
for Thermo-junctions
The dual op amp amplifiers shown in Figure 4-16 and
Figure 4-17 produce a non-inverting difference gain
greater than 1, and a common mode gain of 1 .They
can use the layout shown in Figure 4-13. The gain set-
ting resistors (R2) between the two sides are not com-
bined so that the thermal voltages can be canceled.
The guard traces (with ground vias at the ends) help
minimize the thermal gradients. The resistor layout
cancels the resistor thermal voltages, assuming the
temperature gradient is constant near the resistors:
EQUATION 4-4:
FIGURE 4-13:
PCB Layout and Schematic
for Dual Non-inverting Amplifier.
Note:
Changing the orientation of the resistors
will usually cause a significant decrease in
the cancellation of the thermal voltages.
VOUT ≈ VREF +(VP –VM)GDM
Where:
Thermal voltages are approximately equal
GDM
=R3/R1 =R4/R2, difference gain
VOS is neglected
VOUT ≈ VREF +(VP –VM)GDM
R4
VOUT
R2
VM
U1
MCP6V01
VP
R1
R3
VREF
U1
VM
VOUT
VP
R4
R2
R1
R3
VREF
Note:
Changing the orientation of the resistors
will usually cause a significant decrease in
the cancellation of the thermal voltages.
(VOA –VOB) ≈ (VIA –VIB)GDM
(VOA +VOB)/2 ≈ (VIA +VIB)/2
Where:
Thermal voltages are approximately equal
GDM =1 + R3/R2, differential mode gain
GCM = 1, common mode gain
VOS is neglected
U1
VIB
VOA
VOB
VIA
R1
R2
R3
R1
R2
R3
VIB
VOB
R1
U1
½MCP6V02
VIA
R3
VOA
R1
R2
U1
½MCP6V02
R3
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com