Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V02-E/SN Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6V02-E/SN
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V02-E/SN Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6V02-E/SN Datasheet HTML 9Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 10Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 11Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 12Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 13Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 14Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 15Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 16Page - Microchip Technology MCP6V02-E/SN Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22058C-page 13
MCP6V01/2/3
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
FIGURE 2-31:
Closed-Loop Output
Impedance vs. Frequency with VDD =1.8V.
FIGURE 2-32:
Closed-Loop Output
Impedance vs. Frequency with VDD =5.5V.
FIGURE 2-33:
Channel-to-Channel
Separation vs. Frequency.
FIGURE 2-34:
Maximum Output Voltage
Swing vs. Frequency.
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
VDD = 1.8V
100k
1M
10M
100M
1
10
100
1k
10k
G =
1 V/V
G = 10 V/V
G = 100 V/V
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
Frequency (Hz)
VDD = 5.5V
100k
1M
10M
100M
1
10
100
1k
10k
G =
1 V/V
G = 10 V/V
G = 100 V/V
0
10
20
30
40
50
60
70
80
90
100
1.E+05
1.E+06
1.E+07
Frequency (Hz)
VDD = 5.5V
VDD = 1.8V
RTI
100k
1M
10M
0.1
1
10
1.E+03
1.E+04
1.E+05
1.E+06
Frequency (Hz)
VDD = 5.5V
VDD = 1.8V
1k
10k
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com