Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 2Page - Microchip Technology MCP3425 Datasheet HTML 3Page - Microchip Technology MCP3425 Datasheet HTML 4Page - Microchip Technology MCP3425 Datasheet HTML 5Page - Microchip Technology MCP3425 Datasheet HTML 6Page - Microchip Technology MCP3425 Datasheet HTML 7Page - Microchip Technology MCP3425 Datasheet HTML 8Page - Microchip Technology MCP3425 Datasheet HTML 9Page - Microchip Technology MCP3425 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
MCP3425
DS22072B-page 6
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = -40°C to +85°C, VDD = +5.0V, VSS = 0V, VIN+ = VIN- = VREF/2.
FIGURE 2-7:
IDDA vs. Temperature.
FIGURE 2-8:
IDDS vs. Temperature.
FIGURE 2-9:
IDDB vs. Temperature.
FIGURE 2-10:
OSC Drift vs. Temperature.
FIGURE 2-11:
Frequency Response.
100
120
140
160
180
200
220
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
VDD = 5V
VDD = 2.7V
0
100
200
300
400
500
600
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
VDD = 2.7V
VDD = 5V
0
1
2
3
4
5
6
7
8
9
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
VDD = 5V
VDD = 4.5V
VDD = 3.3V
VDD = 2.7V
-1
0
1
2
3
4
5
-60 -40 -20
0
20
40
60
80
100 120 140
Temperature (°C)
VDD = 5.0V
VDD = 2.7V
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.1
1
10
100
1000
10000
Input Signal Frequency (Hz)
Data Rate = 15 SPS
10k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com