Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 1 Page - Microchip Technology

  MCP3425 Datasheet HTML 1Page - Microchip Technology MCP3425 Datasheet HTML 2Page - Microchip Technology MCP3425 Datasheet HTML 3Page - Microchip Technology MCP3425 Datasheet HTML 4Page - Microchip Technology MCP3425 Datasheet HTML 5Page - Microchip Technology MCP3425 Datasheet HTML 6Page - Microchip Technology MCP3425 Datasheet HTML 7Page - Microchip Technology MCP3425 Datasheet HTML 8Page - Microchip Technology MCP3425 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22072B-page 1
MCP3425
Features
• 16-bit
ΔΣ ADC in a SOT-23-6 package
• Differential Input Operation
• Self Calibration of Internal Offset and Gain per
each conversion
• On-Board Voltage Reference:
- Accuracy: 2.048V ± 0.05%
• On-Board Programmable Gain Amplifier (PGA):
- Gains of 1, 2, 4 or 8
• On-Board Oscillator
• INL: 10 ppm of FSR (FSR = 4.096V/PGA)
• Programmable Data Rate Options:
- 15 SPS (16 bits)
- 60 SPS (14 bits)
- 240 SPS (12 bits)
• One-Shot or Continuous Conversion Options
• Low Current Consumption:
- 145 µA typical
(VDD= 3V, Continuous Conversion)
• One-Shot Conversion (1 SPS) with VDD = 3V:
- 9.7 µA typical with 16 bit mode
- 2.4 µA typical with 14 bit mode
- 0.6 µA typical with 12 bit mode
• Supports I2C Serial Interface:
- Standard, Fast and High-Speed Modes
• Single Supply Operation: 2.7V to 5.5V
• Extended Temperature Range: -40°C to 125°C
Typical Applications
• Portable Instrumentation
• Weigh Scales and Fuel Gauges
• Temperature Sensing with RTD, Thermistor, and
Thermocouple
• Bridge Sensing for Pressure, Strain, and Force.
Package Types
Description
The MCP3425 is a single channel low-noise, high
accuracy
ΔΣ A/D converter with differential inputs and
up to 16 bits of resolution in a small SOT-23-6 package.
The on-board precision 2.048V reference voltage
enables an input range of ±2.048V differentially
(
Δ voltage = 4.096V). The device uses a two-wire I2C
compatible serial interface and operates from a single
2.7V to 5.5V power supply.
The MCP3425 device performs conversion at rates of
15, 60, or 240 samples per second (SPS) depending
on the user controllable configuration bit settings using
the two-wire I2C serial interface. This device has an
on-board programmable gain amplifier (PGA). The
user can select the PGA gain of x1, x2, x4, or x8 before
the analog-to-digital conversion takes place. This
allows the MCP3425 device to convert a smaller input
signal with high resolution. The device has two conver-
sion modes: (a) Continuous mode and (b) One-Shot
mode. In One-Shot mode, the device enters a low
current standby mode automatically after one conver-
sion. This reduces current consumption greatly during
idle periods.
The MCP3425 device can be used for various high
accuracy analog-to-digital data conversion applications
where design simplicity, low power, and small footprint
are major considerations.
Block Diagram
1
2
3
4
5
6
VIN+
VSS
SCL
VIN-
VDD
SDA
MCP3425
SOT-23-6
VSS
VDD
VIN+
VIN-
SCL
SDA
Voltage Reference
Clock
(2.048V)
I2C Interface
Gain = 1, 2, 4, or 8
VREF
ΔΣ ADC
Converter
PGA
Oscillator
16-Bit Analog-to-Digital Converter
with I2C Interface and On-Board Reference


Similar Part No. - MCP3425

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425A0TECH MICROCHIP-MCP3425A0TECH Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425A1TECH MICROCHIP-MCP3425A1TECH Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425A2TECH MICROCHIP-MCP3425A2TECH Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425A3TECH MICROCHIP-MCP3425A3TECH Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
More results

Similar Description - MCP3425

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Microchip Technology
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com