Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA014HT-E/ST Datasheet(PDF) 13 Page - Microchip Technology

Part # 24AA014HT-E/ST
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA014HT-E/ST Datasheet(HTML) 13 Page - Microchip Technology

Back Button 24AA014HT-E/ST Datasheet HTML 9Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 10Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 11Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 12Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 13Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 14Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 15Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 16Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS22077B-page 13
24AA014H/24LC014H
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
T/XXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
8-Lead SOIC (3.90 mm)
Example:
XXXXXXXT
XXXXYYWW
NNN
8-Lead TSSOP
Example:
24LC014H
I/P
12F
0821
24L014HI
SN
0821
12F
8-Lead MSOP
Example:
XXXX
TYWW
NNN
L14H
I821
12F
4L14HI
82112F
XXXXT
YWWNNN
3
e
3
e
8-Lead 2x3 TDFN
Example:
AK4
821
12
XXX
YWW
NN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com