Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA014HT-E/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 24AA014HT-E/ST
Description  1K I2C??Serial EEPROM with Half-Array Write-Protect
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA014HT-E/ST Datasheet(HTML) 1 Page - Microchip Technology

  24AA014HT-E/ST Datasheet HTML 1Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 2Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 3Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 4Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 5Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 6Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 7Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 8Page - Microchip Technology 24AA014HT-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS22077B-page 1
24AA014H/24LC014H
Device Selection Table
Features:
• Single-Supply with Operation down to 1.7V
• Low-Power CMOS Technology:
- 400
μA active current, maximum
-1
μA standby current, maximum (I-temp)
• Organized as a Single Block of 128 Bytes
(128 x 8)
• 2-Wire Serial Interface Bus, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• 1 MHz Compatibility (LC)
• Page Write Buffer for up to 16 Bytes
• Self-Timed Write Cycle (including Auto-Erase)
• Hardware Write Protection for Half Array
(40h-7Fh)
• Address Lines Allow up to Eight Devices on Bus
• 1 Million Erase/Write Cycles
• ESD Protection > 4,000V
• Data Retention > 200 Years
• Factory Programming (QTP) Available
• Pb-Free and RoHS Compliant
• 8-pin PDIP, SOIC, TSSOP, TDFN and MSOP
Packages
• Available for Extended Temperature Ranges:
Description:
The Microchip Technology Inc. 24AA014H/24LC014H
is a 1 Kbit Serial Electrically Erasable PROM with
operation down to 1.7V. The device is organized as a
single block of 128 x 8-bit memory with a 2-wire serial
interface. Low-current design permits operation with
maximum standby and active currents of only 1
μA and
400
μA, respectively. The device has a page write
capability for up to 16 bytes of data. Functional address
lines allow the connection of up to eight 24AA014H/
24LC014H devices on the same bus for up to 8 Kbits of
contiguous EEPROM memory. The device is available
in the standard 8-pin PDIP, 8-pin SOIC (150 mil),
TSSOP, 2x3 TDFN and MSOP packages.
Package Types
Block Diagram
Part
Number
VCC
Range
Max.
Clock
Temp.
Range
24AA014H
1.7V-5.5V
400 kHz(1)
I
24LC014H
2.5V-5.5V
1 MHz
I, E
Note 1: 100 kHz for VCC < 1.8V
- Industrial (I):
-40°C to
+85°C
- Automotive (E):
-40°C to
+125°C
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP
1K I2C™ Serial EEPROM with Half-Array Write-Protect


Similar Part No. - 24AA014HT-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24AA014 MICROCHIP-24AA014 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014 Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
24AA014-E/MC MICROCHIP-24AA014-E/MC Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
24AA014-E/MNY MICROCHIP-24AA014-E/MNY Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
More results

Similar Description - 24AA014HT-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA08H MICROCHIP-24AA08H Datasheet
777Kb / 28P
8K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA04H MICROCHIP-24AA04H Datasheet
490Kb / 28P
4K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com