Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V06 Datasheet(PDF) 41 Page - Microchip Technology

Part # MCP6V06
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06 Datasheet(HTML) 41 Page - Microchip Technology

Back Button MCP6V06 Datasheet HTML 36Page - Microchip Technology MCP6V06 Datasheet HTML 37Page - Microchip Technology MCP6V06 Datasheet HTML 38Page - Microchip Technology MCP6V06 Datasheet HTML 39Page - Microchip Technology MCP6V06 Datasheet HTML 40Page - Microchip Technology MCP6V06 Datasheet HTML 41Page - Microchip Technology MCP6V06 Datasheet HTML 42Page - Microchip Technology MCP6V06 Datasheet HTML 43Page - Microchip Technology MCP6V06 Datasheet HTML 44Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
© 2008 Microchip Technology Inc.
DS22093B-page 41
MCP6V06/7/8
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6V06
Single Op Amp
MCP6V06T Single Op Amp
(Tape and Reel for 2x3 TDFN and SOIC)
MCP6V07
Dual Op Amp
MCP6V07T Dual Op Amp
(Tape and Reel for 4×4 DFN and SOIC)
MCP6V08
Single Op Amp with Chip Select
MCP6V08T Single Op Amp with Chip Select
(Tape and Reel for SOIC)
Temperature Range:
E
= -40°C to +125°C
Package:
MD
= Plastic Dual Flat, No-Lead (4×4x0.9 mm), 8-lead
(MCP6V07 only)
MNY * = Plastic Dual Flat, No-Lead (2×3x0.75 mm), 8-lead
(MCP6V06, MCP6V08)
SN
= Plastic SOIC (150mil Body), 8-lead
* Y = nickel palladium gold manufacturing designator. Only
available on the TDFN package.
PART NO.
–X
/XXX
Package
Temperature
Range
Device
Examples:
a)
MCP6V06T-E/SN: Extended temperature,
8LD SOIC package.
b)
MCP6V06-E/MNY: Extended temperature,
8LD 2x3 TDFN package.
a)
MCP6V07-E/MD:
Extended temperature,
8LD 4x4 DFN package..
b)
MCP6V07T-E/SN: Tape and Reel,
Extended temperature,
8LD SOIC package.
a)
MCP6V08-E/SN:
Extended temperature,
8LD SOIC package.
b)
MCP6V08-E/MNY:Extended temperature,
8LD 2x3 TDFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com