Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6V06 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP6V06
Description  300 關A, Auto-Zeroed Op Amps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V06 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP6V06 Datasheet HTML 4Page - Microchip Technology MCP6V06 Datasheet HTML 5Page - Microchip Technology MCP6V06 Datasheet HTML 6Page - Microchip Technology MCP6V06 Datasheet HTML 7Page - Microchip Technology MCP6V06 Datasheet HTML 8Page - Microchip Technology MCP6V06 Datasheet HTML 9Page - Microchip Technology MCP6V06 Datasheet HTML 10Page - Microchip Technology MCP6V06 Datasheet HTML 11Page - Microchip Technology MCP6V06 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
MCP6V06/7/8
DS22093B-page 8
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +1.8V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =20kΩ to VL, CL = 60 pF, and CS = GND.
FIGURE 2-7:
Input Offset Voltage vs.
Common Mode Voltage with VDD =1.8V.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Voltage with VDD =5.5V.
FIGURE 2-9:
CMRR.
FIGURE 2-10:
PSRR.
FIGURE 2-11:
DC Open-Loop Gain.
FIGURE 2-12:
CMRR and PSRR vs.
Ambient Temperature.
-4
-3
-2
-1
0
1
2
3
4
Input Common Mode Voltage (V)
VDD = 1.8V
Representative Part
-40°C
+25°C
+85°C
+125°C
-4
-3
-2
-1
0
1
2
3
4
Input Common Mode Voltage (V)
VDD = 5.5V
Representative Part
+125°C
+85°C
+25°C
-40°C
0%
5%
10%
15%
20%
25%
30%
35%
1/CMRR (µV/V)
39 Samples
TA = +25°C
Soldered on PCB
VDD = 1.8V
VDD = 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
1/PSRR (µV/V)
40 Samples
TA = +25°C
Soldered on PCB
0%
5%
10%
15%
20%
25%
30%
35%
40%
45%
50%
1/AOL (µV/V)
40 Samples
TA = +25°C
Soldered on PCB
VDD = 1.8V
VDD = 5.5V
120
125
130
135
140
145
150
155
160
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR
CMRR
VDD = 5.5V
VDD = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com