Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K256 Datasheet(PDF) 23 Page - Microchip Technology

Part # 23K256
Description  256K SPI Bus Low-Power Serial SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 23K256 Datasheet HTML 18Page - Microchip Technology 23K256 Datasheet HTML 19Page - Microchip Technology 23K256 Datasheet HTML 20Page - Microchip Technology 23K256 Datasheet HTML 21Page - Microchip Technology 23K256 Datasheet HTML 22Page - Microchip Technology 23K256 Datasheet HTML 23Page - Microchip Technology 23K256 Datasheet HTML 24Page - Microchip Technology 23K256 Datasheet HTML 25Page - Microchip Technology 23K256 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22100D-page 23
23A256/23K256
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape & Reel
Device
Device:
23A256 =
23K256 =
256 Kbit, 1.8V, SPI Serial SRAM
256 Kbit, 3.6V, SPI Serial SRAM
Tape & Reel:
Blank
=
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
E
-40
°C to+85°C
-40
°C to+125°C
Package:
P=
SN
=
ST
=
Plastic PDIP (300 mil body), 8-lead
Plastic SOIC (3.90 mml body), 8-lead
TSSOP, 8-lead
Examples:
a)
23K256-I/ST = 256 Kbit, 3.6V Serial SRAM,
Industrial temp., TSSOP package
b)
23A256T-I/SN = 256 Kbit, 1.8V Serial SRAM,
Industrial temp., Tape & Reel, SOIC package
c)
23K256-E/ST = 256 Kbit, 3.6V Serial SRAM,
Automotive temp., TSSOP package
–
X
Temp Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com