Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K256 Datasheet(PDF) 3 Page - Microchip Technology

Part # 23K256
Description  256K SPI Bus Low-Power Serial SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K256 Datasheet(HTML) 3 Page - Microchip Technology

  23K256 Datasheet HTML 1Page - Microchip Technology 23K256 Datasheet HTML 2Page - Microchip Technology 23K256 Datasheet HTML 3Page - Microchip Technology 23K256 Datasheet HTML 4Page - Microchip Technology 23K256 Datasheet HTML 5Page - Microchip Technology 23K256 Datasheet HTML 6Page - Microchip Technology 23K256 Datasheet HTML 7Page - Microchip Technology 23K256 Datasheet HTML 8Page - Microchip Technology 23K256 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22100D-page 3
23A256/23K256
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Test Conditions
1FCLK
Clock frequency
—
—
—
—
10
16
16
20
MHz
MHz
MHz
MHz
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
2TCSS
CS setup time
50
32
32
25
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
3TCSH
CS hold time
50
50
50
50
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
4TCSD
CS disable time
50
32
32
25
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
5
Tsu
Data setup time
10
10
10
10
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
6THD
Data hold time
10
10
10
10
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
7TR
CLK rise time
—
2
us
Note 1
8TF
CLK fall time
—
2
us
Note 1
9THI
Clock high time
50
32
32
25
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
10
TLO
Clock low time
50
32
32
25
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
11
TCLD
Clock delay time
50
32
32
25
—
—
—
—
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
12
TV
Output valid from clock low
—
—
—
—
50
32
32
25
ns
ns
ns
ns
VCC
= 1.5V (I-Temp)
VCC
= 1.8V (I-Temp)
VCC
= 3.0V (E-Temp)
VCC
= 3.0V (I-Temp)
13
THO
Output hold time
0
—
ns
Note 1
Note 1:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com