Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24VL014T Datasheet(PDF) 1 Page - Microchip Technology

Part # 24VL014T
Description  1K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL014T Datasheet(HTML) 1 Page - Microchip Technology

  24VL014T Datasheet HTML 1Page - Microchip Technology 24VL014T Datasheet HTML 2Page - Microchip Technology 24VL014T Datasheet HTML 3Page - Microchip Technology 24VL014T Datasheet HTML 4Page - Microchip Technology 24VL014T Datasheet HTML 5Page - Microchip Technology 24VL014T Datasheet HTML 6Page - Microchip Technology 24VL014T Datasheet HTML 7Page - Microchip Technology 24VL014T Datasheet HTML 8Page - Microchip Technology 24VL014T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22129A-page 1
24VL014
Device Selection Table
Features:
• Single-Supply with Operation down to 1.5V
• Low-Power CMOS Technology:
- 400
μA active current, maximum
-1
μA standby current, maximum
• 2-Wire Serial Interface Bus, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• Page Write Buffer for up to 16 Bytes
• Self-Timed Write Cycle (including Auto-Erase)
• Hardware Write Protection for the Entire Array
(00h-7Fh)
• Cascadable up to Eight Devices
• More than 1 Million Erase/Write Cycles
• ESD Protection > 4,000V
• Data Retention > 200 Years
• Factory Programming (QTP) Available
• 8-pin PDIP, SOIC, TSSOP, TDFN and MSOP
Packages
• 6-lead SOT-23 package
• Temperature Range:
• Pb-Free and RoHS Compliant
Description:
The Microchip Technology Inc. 24VL014 is a 1 Kbit
Serial Electrically Erasable PROM with operation
down to 1.5V. The device is organized as a single block
of 128 x 8-bit memory with a 2-wire serial interface.
Low-current design permits operation with maximum
standby and active currents of only 1
μA and 400 μA,
respectively. The device has a page write capability for
up to 16 bytes of data. Functional address lines allow
the connection of up to eight 24VL014 devices on the
same bus for up to 8 Kbits of contiguous EEPROM
memory. The device is available in the standard 8-pin
PDIP, 8-pin SOIC (150 mil), TSSOP, 2x3 TDFN and
MSOP packages. The 24VL014 is also available in the
6-lead SOT-23 package.
Block Diagram
Package Types
Part Number
VCC Range
Max Clock
24VL014
1.5 to 3.6V
400 kHz(1)
Note 1: 100 kHz for VCC < 1.8V
- -20°C to +85°C
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SCL
VSS
SDA
VCC
A0
A1
SOT-23
1
2
3
4
5
6
1K I2C™ Serial EEPROM


Similar Part No. - 24VL014T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H/MNY MICROCHIP-24VL014H/MNY Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H/MS MICROCHIP-24VL014H/MS Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H/P MICROCHIP-24VL014H/P Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H/SN MICROCHIP-24VL014H/SN Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
More results

Similar Description - 24VL014T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
1K I2C Serial EEPROM
2003
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
1K I2C??Serial EEPROM
2007
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
1K I2C??Serial EEPROM
2005
24AA01 MICROCHIP-24AA01_09 Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
1K I2C??Serial EEPROM
2009
24AA014 MICROCHIP-24AA014_10 Datasheet
812Kb / 36P
1K I2C??Serial EEPROM
2010
24LC01B-SN MICROCHIP-24LC01B-SN Datasheet
515Kb / 35P
1K I2C??Serial EEPROM
2009
24LC01BP MICROCHIP-24LC01BP Datasheet
607Kb / 34P
1K I2C??Serial EEPROM
2009 02/04/09
24LC01BT-I MICROCHIP-24LC01BT-I Datasheet
607Kb / 34P
1K I2C Serial EEPROM
02/04/09
24LC01B-I MICROCHIP-24LC01B-I Datasheet
343Kb / 26P
1K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com