Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L1 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6L1
Description  2.8 MHz, 200 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6L1 Datasheet HTML 1Page - Microchip Technology MCP6L1 Datasheet HTML 2Page - Microchip Technology MCP6L1 Datasheet HTML 3Page - Microchip Technology MCP6L1 Datasheet HTML 4Page - Microchip Technology MCP6L1 Datasheet HTML 5Page - Microchip Technology MCP6L1 Datasheet HTML 6Page - Microchip Technology MCP6L1 Datasheet HTML 7Page - Microchip Technology MCP6L1 Datasheet HTML 8Page - Microchip Technology MCP6L1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22135A-page 5
MCP6L1/1R/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD =5.0V, VSS = GND, VCM =VSS, VOUT =VDD/2, VL =VDD/2,
RL =10kΩ to VL and CL = 60 pF.
FIGURE 2-1:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD =2.7V.
FIGURE 2-2:
Input Offset Voltage vs.
Common Mode Input Voltage at VDD =5.5V.
FIGURE 2-3:
Input Offset Voltage vs.
Ambient Temperature.
FIGURE 2-4:
Input Common Mode Range
Voltage vs. Ambient Temperature.
FIGURE 2-5:
CMRR, PSRR vs. Ambient
Temperature.
FIGURE 2-6:
CMRR, PSRR vs.
Frequency.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Common Mode Input Voltage (V)
Representative Part
V
DD = 2.7V
-40°C
+25°C
+85°C
+125°
C
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Common Mode Input Voltage (V)
Representative Part
V
DD = 5.5V
-40°C
+25°C
+85°C
+125°
C
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
Representative Part
VDD = 5.5V
VDD = 2.7V
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-50
-25
0
25
50
75
100 125
Ambient Temperature (°C)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
VDD – VCMRH
VCMRL – VSS
One Wafer Lot
70
75
80
85
90
95
100
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
PSRR (V
CM = VSS)
CMRR (V
CMRL to VCMRH)
20
30
40
50
60
70
80
90
100
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
PSRR+
CMRR
PSRR–
1
100
1k
10k
100k
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com