Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6L1 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6L1
Description  2.8 MHz, 200 關A Op Amps
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6L1 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6L1 Datasheet HTML 9Page - Microchip Technology MCP6L1 Datasheet HTML 10Page - Microchip Technology MCP6L1 Datasheet HTML 11Page - Microchip Technology MCP6L1 Datasheet HTML 12Page - Microchip Technology MCP6L1 Datasheet HTML 13Page - Microchip Technology MCP6L1 Datasheet HTML 14Page - Microchip Technology MCP6L1 Datasheet HTML 15Page - Microchip Technology MCP6L1 Datasheet HTML 16Page - Microchip Technology MCP6L1 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
© 2009 Microchip Technology Inc.
DS22135A-page 13
MCP6L1/1R/2/4
4.7
Application Circuits
4.7.1
ACTIVE LOW-PASS FILTER
Figure 4-6 shows a second-order Butterworth filter,
with a 10 Hz cutoff frequency and a gain of +1 V/V,
using a Sallen Key topology. Microchip’s FilterLab®
software designed the filter, then the capacitors were
reduced in value (using the same program).
FIGURE 4-6:
Sallen Key Topology.
Figure 4-7 shows a filter with the same requirements,
except the gain is -1 V/V, in a Multiple Feedback topol-
ogy. It was designed in a similar fashion using Filter-
Lab®.
FIGURE 4-7:
Multiple Feedback Topology.
R1
VIN
VOUT
R2
18.2 k
Ω 29.4 kΩ
MCP6L1
C2
470 nF
C1
1.0 µF
R1
VIN
VOUT
R3
54.9 k
Ω
25.5 k
Ω
MCP6L1
C2
820 nF
C1
220 nF
VDD/2
R2
25.5 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com