Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6561 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6561
Description  1.8V Low Power Push-Pull Output Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6561 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6561 Datasheet HTML 9Page - Microchip Technology MCP6561 Datasheet HTML 10Page - Microchip Technology MCP6561 Datasheet HTML 11Page - Microchip Technology MCP6561 Datasheet HTML 12Page - Microchip Technology MCP6561 Datasheet HTML 13Page - Microchip Technology MCP6561 Datasheet HTML 14Page - Microchip Technology MCP6561 Datasheet HTML 15Page - Microchip Technology MCP6561 Datasheet HTML 16Page - Microchip Technology MCP6561 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22139B-page 13
MCP6561/1R/1U/2/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Inputs
The comparator non-inverting and inverting inputs are
high-impedance CMOS inputs with low bias currents.
3.2
Digital Outputs
The comparator outputs are CMOS, push-pull digital
outputs. They are designed to be compatible with
CMOS and TTL logic and are capable of driving heavy
DC or capacitive loads.
3.3
Power Supply (VSS and VDD)
The positive power supply pin (VDD) is 1.8V to 5.5V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1 µF) within 2 mm of the VDD pin. These can share a
bulk capacitor with nearby analog parts (within
100 mm), but it is not required.
MCP6561
MCP6561R
MCP6561U
MCP6562
MCP6564
Symbol
Description
SC70-5,
SOT-23-5
SOT-23-5
SOT-23-5
MSOP,
SOIC
SOIC,
TSSOP
1
1
4
1
1
OUT, OUTA Digital Output (comparator A)
44
3
2
2
VIN–, VINA– Inverting Input (comparator A)
33
1
3
3
VIN+, VINA+ Non-inverting Input (comparator A)
52
5
8
4
VDD
Positive Power Supply
——
—
5
5
VINB+
Non-inverting Input (comparator B)
——
—
6
6
VINB–
Inverting Input (comparator B)
—
—
—
7
7
OUTB
Digital Output (comparator B)
—
—
—
—
8
OUTC
Digital Output (comparator C)
——
—
—
9
VINC–
Inverting Input (comparator C)
——
—
—
10
VINC+
Non-inverting Input (comparator C)
25
2
4
11
VSS
Negative Power Supply
——
—
—
12
VIND+
Non-inverting Input (comparator D)
——
—
—
13
VIND–
Inverting Input (comparator D)
—
—
—
—
14
OUTD
Digital Output (comparator D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com