Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC040A Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC040A
Description  1K-4K SPI Serial EEPROM High Temp Family Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040A Datasheet(HTML) 1 Page - Microchip Technology

  25LC040A Datasheet HTML 1Page - Microchip Technology 25LC040A Datasheet HTML 2Page - Microchip Technology 25LC040A Datasheet HTML 3Page - Microchip Technology 25LC040A Datasheet HTML 4Page - Microchip Technology 25LC040A Datasheet HTML 5Page - Microchip Technology 25LC040A Datasheet HTML 6Page - Microchip Technology 25LC040A Datasheet HTML 7Page - Microchip Technology 25LC040A Datasheet HTML 8Page - Microchip Technology 25LC040A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS22136B-page 1
25LC010A
25LC020A
25LC040A
Features:
• Max. Clock 5 MHz
• Low-Power CMOS Technology:
- Max. Write Current: 5 mA at 5.5V, 5 MHz
- Read Current: 5 mA at 5.5V, 5 MHz
- Standby Current: 10
μA at 5.5V
• 128 x 8 through 512 x 8-bit Organization
• Byte and Page-level Write Operations
• Self-Timed Erase and Write Cycles (6 ms max.)
• Block Write Protection:
- Protect none, 1/4, 1/2 or all of array
• Built-in Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability:
- Endurance: >1M erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Range Supported:
• Package is Pb-Free and RoHS Compliant
Pin Function Table
Description:
Microchip Technology Inc. 25LCXXXA* devices are
low-density 1 through 4 Kbit Serial Electrically Eras-
able PROMs (EEPROM). The devices are organized in
blocks of x8-bit memory and support the Serial Periph-
eral Interface (SPI) compatible serial bus architecture.
Byte-level and page-level functions are supported.
The bus signals required are a clock input (SCK) plus
separate data in (SI) and data out (SO) lines. Access to
the device is controlled through a Chip Select (CS)
input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25LCXXXA is available in a standard 8-lead SOIC
package.
The
package
is
Pb-free
and
RoHS
Compliant.
Package Types (not to scale)
- Extended (H):
-40°C to +150°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
SOIC
(SN)
1K-4K SPI Serial EEPROM High Temp Family Data Sheet
*25LCXXXA is used in this document as a generic part number for the 25 series devices.


Similar Part No. - 25LC040A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC040A MICROCHIP-25LC040A Datasheet
571Kb / 28P
4K SPI Bus Serial EEPROM
2007
25LC040A MICROCHIP-25LC040A Datasheet
475Kb / 30P
4K SPI Bus Serial EEPROM
2009
25LC040A MICROCHIP-25LC040A Datasheet
1Mb / 38P
4K SPI Bus Serial EEPROM
11/27/12
25LC040A-E/MC MICROCHIP-25LC040A-E/MC Datasheet
571Kb / 28P
4K SPI Bus Serial EEPROM
2007
25LC040A-E/MC MICROCHIP-25LC040A-E/MC Datasheet
475Kb / 30P
4K SPI Bus Serial EEPROM
2009
More results

Similar Description - 25LC040A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
1K/2K/4K-Bit SPI Serial EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
1K/2K/4K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
11AA010 MICROCHIP-11AA010 Datasheet
597Kb / 38P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2008
25LC080C MICROCHIP-25LC080C Datasheet
358Kb / 24P
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
11AA010 MICROCHIP-11AA010_10 Datasheet
830Kb / 44P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2010
11AA010 MICROCHIP-11AA010_11 Datasheet
757Kb / 48P
1K-16K UNI/O짰 Serial EEPROM Family Data Sheet
2011
11AA020T-I MICROCHIP-11AA020T-I Datasheet
830Kb / 44P
1K-16K UNI/O Serial EEPROM Family Data Sheet
01/05/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com