Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC040A Datasheet(PDF) 2 Page - Microchip Technology

Part # 25LC040A
Description  1K-4K SPI Serial EEPROM High Temp Family Data Sheet
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC040A Datasheet(HTML) 2 Page - Microchip Technology

  25LC040A Datasheet HTML 1Page - Microchip Technology 25LC040A Datasheet HTML 2Page - Microchip Technology 25LC040A Datasheet HTML 3Page - Microchip Technology 25LC040A Datasheet HTML 4Page - Microchip Technology 25LC040A Datasheet HTML 5Page - Microchip Technology 25LC040A Datasheet HTML 6Page - Microchip Technology 25LC040A Datasheet HTML 7Page - Microchip Technology 25LC040A Datasheet HTML 8Page - Microchip Technology 25LC040A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
25LCXXXA
DS22136B-page 2
Preliminary
© 2009 Microchip Technology Inc.
Device Selection Table
Part Number
Density
(bits)
Organization
VCC Range
Max. Speed
(MHz)
Page Size
(Bytes)
Temp.
Range
Package
25LC010A
1K
128 x 8
2.5V-5.5V
5
16
H
SN
25LC020A
2K
256 x 8
2.5V-5.5V
5
16
H
SN
25LC040A
4K
512 x 8
2.5V-5.5V
5
16
H
SN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com