Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24VL025/ST Datasheet(PDF) 27 Page - Microchip Technology

Part # 24VL025/ST
Description  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL025/ST Datasheet(HTML) 27 Page - Microchip Technology

Back Button 24VL025/ST Datasheet HTML 22Page - Microchip Technology 24VL025/ST Datasheet HTML 23Page - Microchip Technology 24VL025/ST Datasheet HTML 24Page - Microchip Technology 24VL025/ST Datasheet HTML 25Page - Microchip Technology 24VL025/ST Datasheet HTML 26Page - Microchip Technology 24VL025/ST Datasheet HTML 27Page - Microchip Technology 24VL025/ST Datasheet HTML 28Page - Microchip Technology 24VL025/ST Datasheet HTML 29Page - Microchip Technology 24VL025/ST Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22130A-page 27
24VL024/24VL025
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
24VL024:
1.5V, 2 Kbit Addressable Serial EEPROM
24VL024T:
1.5V, 2 Kbit Addressable Serial EEPROM
(Tape and Reel)
24VL025:
1.5V, 2 Kbit Addressable Serial EEPROM,
with no WP pin
24VL025T:
1.5V, 2 Kbit Addressable Serial EEPROM
(Tape and Reel), with no WP pin
Temperature Range:
=
-20°C to +85°C
Package:
P
=
Plastic DIP, (300 mil Body), 8-lead
SN
=
Plastic SOIC, (3.90 mm Body)
ST
=
TSSOP, (4.4 mm Body), 8-lead
MS
=
MSOP, (Plastic Micro Small Outline), 8-lead
MNY(1) =
TDFN, (2x3x0.75 mm Body), 8-lead
OT
=
Plastic Small Outline (SOT-23), 6-lead (Tape
and Reel only)
PART NO.
X
/XX
Package
Temperature
Range
Device
Examples:
a)
24VL024/P: 1.5V, PDIP Package.
b)
24VL024/SN: 1.5V, SOIC Package.
c)
24VL024T/ST: 1.5V, TSSOP Package,
Tape and Reel
d)
24VL024T/MNY: 1.5V, TDFN Package,
Tape and Reel
e)
24VL025/P: 1.5V, PDIP Package.
f)
24VL025/SN: 1.5V, SOIC Package.
g)
24VL025T/ST: 1.5V, TSSOP Package,
Tape and Reel
h)
24VL025T/MNY: 1.5V, TDFN Package,
Tape and Reel
Note
1:
“Y” indicates a Nickel Palladium Gold (NiPdAu) finish.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com