Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24VL025/ST Datasheet(PDF) 2 Page - Microchip Technology

Part # 24VL025/ST
Description  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL025/ST Datasheet(HTML) 2 Page - Microchip Technology

  24VL025/ST Datasheet HTML 1Page - Microchip Technology 24VL025/ST Datasheet HTML 2Page - Microchip Technology 24VL025/ST Datasheet HTML 3Page - Microchip Technology 24VL025/ST Datasheet HTML 4Page - Microchip Technology 24VL025/ST Datasheet HTML 5Page - Microchip Technology 24VL025/ST Datasheet HTML 6Page - Microchip Technology 24VL025/ST Datasheet HTML 7Page - Microchip Technology 24VL025/ST Datasheet HTML 8Page - Microchip Technology 24VL025/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
24VL024/24VL025
DS22130A-page 2
© 2009 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.6V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ..................................................................................................-20°C to +85°C
ESD protection on all pins
......................................................................................................................................................≥ 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Characteristics:
VCC = +1.5V to 3.6V
TA = -20°C to +85°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
D1
—
A0, A1, A2, SCL, SDA
and WP pins:
——
—
—
D2
VIH
High-level input voltage
0.7 VCC
—V
—
D3
VIL
Low-level input voltage
—
0.3 VCC
V—
D4
VHYS
Hysteresis of Schmitt
Trigger inputs
(SDA, SCL pins)
0.05 VCC
—V
(Note)
D5
VOL
Low-level output voltage
—
0.40
V
IOL = 3.0 mA @ VCC = 3.6V
IOL = 2.1 mA @ VCC = 2.5V
D6
ILI
Input leakage current
—
±1
μAVIN = VSS or VCC, WP = VSS
D7
ILO
Output leakage current
—
±1
μAVOUT = VSS or VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
—10
pF
VCC = 3.6V (Note)
TA = 25°C, f = 1 MHz
D9
ICC Read Operating current
—
400
μAVCC = 3.6V, SCL = 400 kHz
ICC Write
—
3
mA
VCC = 3.6V
D10
ICCS
Standby current
—
1
μAVCC = 3.6V, SCL = SDA = VCC
WP = VSS, A0, A1, A2 = VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com