Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K640-I/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # 23K640-I/ST
Description  64K SPI Bus Low-Power Serial SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K640-I/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button 23K640-I/ST Datasheet HTML 6Page - Microchip Technology 23K640-I/ST Datasheet HTML 7Page - Microchip Technology 23K640-I/ST Datasheet HTML 8Page - Microchip Technology 23K640-I/ST Datasheet HTML 9Page - Microchip Technology 23K640-I/ST Datasheet HTML 10Page - Microchip Technology 23K640-I/ST Datasheet HTML 11Page - Microchip Technology 23K640-I/ST Datasheet HTML 12Page - Microchip Technology 23K640-I/ST Datasheet HTML 13Page - Microchip Technology 23K640-I/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
23A640/23K640
DS22126C-page 10
© 2009 Microchip Technology Inc.
FIGURE 2-6:
SEQUENTIAL WRITE SEQUENCE
SI
CS
9 1011
21 2223 2425 26 2728 2930 31
00
0
0
0
0
01
15 14 13 12
210
76
5
432
10
Instruction
16-bit Address
Data Byte 1
SCK
0
234
567
18
SI
CS
41 42 43
46 47
76543
210
Data Byte n
SCK
32
34 35 36 37 38 39
33
40
7654
3210
Data Byte 3
7654
3210
Data Byte 2
44 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com