Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23K640-I/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # 23K640-I/ST
Description  64K SPI Bus Low-Power Serial SRAM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23K640-I/ST Datasheet(HTML) 1 Page - Microchip Technology

  23K640-I/ST Datasheet HTML 1Page - Microchip Technology 23K640-I/ST Datasheet HTML 2Page - Microchip Technology 23K640-I/ST Datasheet HTML 3Page - Microchip Technology 23K640-I/ST Datasheet HTML 4Page - Microchip Technology 23K640-I/ST Datasheet HTML 5Page - Microchip Technology 23K640-I/ST Datasheet HTML 6Page - Microchip Technology 23K640-I/ST Datasheet HTML 7Page - Microchip Technology 23K640-I/ST Datasheet HTML 8Page - Microchip Technology 23K640-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2009 Microchip Technology Inc.
DS22126C-page 1
23A640/23K640
Device Selection Table
Features:
• Max. Clock 20 MHz
• Low-Power CMOS Technology:
- Read Current: 3 mA at 1 MHz
- Standby Current: 4
μA Max. at +85°C
• 8192 x 8-bit Organization
• 32-Byte Page
•HOLD pin
• Flexible Operating modes:
- Byte read and write
- Page mode (32 Byte Page)
- Sequential mode
• Sequential Read/Write
• High Reliability
• Temperature Ranges Supported:
• Pb-Free and RoHS Compliant, Halogen Free
Pin Function Table
Description:
The Microchip Technology Inc. 23X640 are 64 Kbit
Serial SRAM devices. The memory is accessed via a
simple Serial Peripheral Interface (SPI) compatible
serial bus. The bus signals required are a clock input
(SCK) plus separate data in (SI) and data out (SO)
lines. Access to the device is controlled through a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused,
transitions on its inputs will be ignored, with the
exception of Chip Select, allowing the host to service
higher priority interrupts.
The 23X640 is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packaging including 8-lead TSSOP.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
23K640
2.7-3.6V
32 Byte
I, E
P, SN, ST
23A640
1.5-1.95V
32 Byte
I
P, SN, ST
- Industrial (I):
- Automotive (E):
-40
°C
-40
°C
to
to
+85
°C
+125
°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
NC
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC/TSSOP
(P, SN, ST)
64K SPI Bus Low-Power Serial SRAM


Similar Part No. - 23K640-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23K640-I/ST MICROCHIP-23K640-I/ST Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
23K640-I/ST MICROCHIP-23K640-I/ST Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
More results

Similar Description - 23K640-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
64K SPI Bus Serial EEPROM
1997
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A Datasheet
532Kb / 30P
64K SPI Bus Serial EEPROM
2008
23A256 MICROCHIP-23A256 Datasheet
368Kb / 26P
256K SPI Bus Low-Power Serial SRAM
2010
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com