Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24VL025T/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 24VL025T/P
Description  2K I2C??Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24VL025T/P Datasheet(HTML) 1 Page - Microchip Technology

  24VL025T/P Datasheet HTML 1Page - Microchip Technology 24VL025T/P Datasheet HTML 2Page - Microchip Technology 24VL025T/P Datasheet HTML 3Page - Microchip Technology 24VL025T/P Datasheet HTML 4Page - Microchip Technology 24VL025T/P Datasheet HTML 5Page - Microchip Technology 24VL025T/P Datasheet HTML 6Page - Microchip Technology 24VL025T/P Datasheet HTML 7Page - Microchip Technology 24VL025T/P Datasheet HTML 8Page - Microchip Technology 24VL025T/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2009 Microchip Technology Inc.
DS22130A-page 1
24VL024/24VL025
Device Selection Table
Features:
• Single-Supply with Operation down to 1.5V
• Low-Power CMOS Technology:
- 400
μA active current, maximum
-1
μA standby current, maximum
• 2-Wire Serial Interface Bus, I2C™ Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• Page Write Buffer for up to 16 Bytes
• Self-Timed Write Cycle (including Auto-Erase)
• Hardware Write Protection for the Entire Array
(24VL024 only)
• Cascadable up to Eight Devices
• More than 1 Million Erase/Write Cycles
• ESD Protection > 4,000V
• Data Retention > 200 Years
• Factory Programming (QTP) Available
• 8-pin PDIP, SOIC, TSSOP, TDFN and MSOP
Packages
• 6-lead SOT-23 package (24VL025 only)
• Temperature Range:
• Pb-Free and RoHS Compliant
Description:
The Microchip Technology Inc. 24VL024/24VL025 is a
2 Kbit
Serial
Electrically
Erasable
PROM
with
operation down to 1.5V. The device is organized as a
single block of 256 x 8-bit memory with a 2-wire serial
interface. Low-current design permits operation with
maximum standby and active currents of only 1
μA and
400
μA, respectively. The device has a page write
capability for up to 16 bytes of data. Functional address
lines allow the connection of up to eight 24VL024/
24VL025 devices on the same bus for up to 16 Kbits of
contiguous
EEPROM
memory.
The
device
is
available in the standard 8-pin PDIP, 8-pin SOIC (150
mil), TSSOP, 2x3 TDFN and MSOP packages. The
24VL025 is also available in the 6-lead, SOT-23
package.
Block Diagram
Package Types
Part Number
VCC Range
Max Clock
24VL024
1.5 to 3.6V
400 kHz(1)
24VL025
1.5 to 3.6V
400 kHz(1)
Note 1: 100 kHz for VCC < 1.8V
- -20°C to +85°C
I/O
Control
Logic
Memory
Control
Logic
XDEC
HV Generator
EEPROM
Array
Write-Protect
Circuitry
YDEC
VCC
VSS
Sense Amp.
R/W Control
SDA SCL
A0 A1 A2
WP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP, MSOP
SOIC, TSSOP
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
Note:
WP pin is not internally connected on the 24VL025
SCL
VSS
SDA
VCC
A0
A1
SOT-23
1
2
3
4
5
6
(24VL025 only)
2K I2C™ Serial EEPROM


Similar Part No. - 24VL025T/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H/MNY MICROCHIP-24VL024H/MNY Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H/MS MICROCHIP-24VL024H/MS Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H/P MICROCHIP-24VL024H/P Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H/SN MICROCHIP-24VL024H/SN Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
More results

Similar Description - 24VL025T/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA024 MICROCHIP-24AA024 Datasheet
328Kb / 22P
2K I2C Serial EEPROM
2004
24AA024 MICROCHIP-24AA024_07 Datasheet
402Kb / 26P
2K I2C??Serial EEPROM
2007
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
24AA024 MICROCHIP-24AA024_09 Datasheet
522Kb / 30P
2K I2C??Serial EEPROM
2009
24AA02 MICROCHIP-24AA02_09 Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02BP MICROCHIP-24LC02BP Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02BT-SN MICROCHIP-24LC02BT-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC02B-I-SN MICROCHIP-24LC02B-I-SN Datasheet
605Kb / 32P
2K I2C??Serial EEPROM
2009
24LC024-IP MICROCHIP-24LC024-IP Datasheet
538Kb / 30P
2K I2C??Serial EEPROM
2009
24LC02B-I MICROCHIP-24LC02B-I Datasheet
411Kb / 26P
2K I2C Serial EEPROM
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com