Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/ST Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP6566RT-E/ST
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/ST Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP6566RT-E/ST Datasheet HTML 11Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 12Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 13Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 14Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 15Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 16Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 17Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 18Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 15
MCP6566/6R/6U/7/9
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Inputs
The comparator non-inverting and inverting inputs are
high-impedance CMOS inputs with low bias currents.
3.2
Digital Outputs
The comparator outputs are CMOS, open-drain digital
outputs. They are designed to make level shifting and
wired-OR easy to implement.
3.3
Power Supply (VSS and VDD)
The positive power supply pin (VDD) is 1.8V to 5.5V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need a local bypass capacitor (typically 0.01 µF to
0.1 µF) within 2 mm of the VDD pin. These can share a
bulk capacitor with nearby analog parts (within
100 mm), but it is not required.
MCP6566 MCP6566R MCP6566U
MCP6568
MCP6569
Symbol
Description
SC70-5,
SOT-23-5
SOT-23-5
SOT-23-5
MSOP,
SOIC
SOIC,
TSSOP
1
1
5
1
1
OUT, OUTA
Digital Output (comparator A)
44
3
2
2
VIN–, VINA– Inverting Input (comparator A)
33
1
3
3
VIN+, VINA+ Non-inverting Input (comparator A)
52
4
8
4
VDD
Positive Power Supply
——
—
5
5
VINB+
Non-inverting Input (comparator B)
——
—
6
6
VINB–
Inverting Input (comparator B)
—
—
—
7
7
OUTB
Digital Output (comparator B)
—
—
—
—
8
OUTC
Digital Output (comparator C)
——
—
—
9
VINC–
Inverting Input (comparator C)
——
—
—
10
VINC+
Non-inverting Input (comparator C)
25
2
4
11
VSS
Negative Power Supply
——
—
—
12
VIND+
Non-inverting Input (comparator D)
——
—
—
13
VIND–
Inverting Input (comparator D)
—
—
—
—
14
OUTD
Digital Output (comparator D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com