Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6566RT-E/ST Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP6566RT-E/ST
Description  1.8V Low Power Open-Drain Output Comparator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6566RT-E/ST Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP6566RT-E/ST Datasheet HTML 15Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 16Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 17Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 18Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 19Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 20Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 21Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 22Page - Microchip Technology MCP6566RT-E/ST Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22143B-page 19
MCP6566/6R/6U/7/9
4.3.2
INVERTING CIRCUIT
Figure 4-6 shows an inverting circuit for single-supply
using three resistors. The resulting hysteresis diagram
is shown in Figure 4-7.
FIGURE 4-6:
Inverting Circuit with
Hysteresis.
FIGURE 4-7:
Hysteresis Diagram for the
Inverting Circuit.
In order to determine the trip voltages (VTHL and VTLH)
for the circuit shown in Figure 4-6, R2 and R3 can be
simplified to the Thevenin equivalent circuit with
respect to VDD, as shown in Figure 4-8.
FIGURE 4-8:
Thevenin Equivalent Circuit.
Where:
Using this simplified circuit, the trip voltage can be
calculated using the following equation:
EQUATION 4-2:
Figure 2-21 and Figure 2-24 can be used to determine
typical values for VOH and VOL.
4.4
Bypass Capacitors
With this family of comparators, the power supply pin
(VDD for single supply) should have a local bypass
capacitor (i.e., 0.01 µF to 0.1 µF) within 2 mm for good
edge rate performance.
4.5
Capacitive Loads
Reasonable capacitive loads (e.g., logic gates) have
little impact on propagation delay (see Figure 2-32).
The supply current increases with increasing toggle
frequency
(Figure 2-20),
especially
with
higher
capacitive loads. The output slew rate and propogation
delay performance will be reduced with higher
capacitive loads.
VIN
VOUT
VDD
R2
RF
R3
VDD
VPU
RPU
MCP656X
VOUT
High-to-Low
Low-to-High
VDD
VOH
VOL
VSS
VSS
VDD
VTLH VTHL
VIN
V23
VOUT
VDD
R23
RF
+
-
VSS
VPU
RPU
MCP656X
R
23
R
2R3
R
2
R
3
+
-------------------
=
V
23
R
3
R
2
R
3
+
-------------------
V
DD
×
=
V
THL
V
OH
R
23
R
23
R
F
+
-----------------------
⎝⎠
⎜⎟
⎛⎞
V
23
R
F
R
23
R
F
+
----------------------
⎝⎠
⎛⎞
+
=
V
TLH
V
OL
R
23
R
23
R
F
+
-----------------------
⎝⎠
⎜⎟
⎛⎞
V
23
R
F
R
23
R
F
+
----------------------
⎝⎠
⎛⎞
+
=
Where:
VTLH
=
trip voltage from low-to-high
VTHL
=
trip voltage from high-to-low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com