Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP40D17T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP40D17T
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP40D17T Datasheet HTML 9Page - Microchip Technology MCP40D17T Datasheet HTML 10Page - Microchip Technology MCP40D17T Datasheet HTML 11Page - Microchip Technology MCP40D17T Datasheet HTML 12Page - Microchip Technology MCP40D17T Datasheet HTML 13Page - Microchip Technology MCP40D17T Datasheet HTML 14Page - Microchip Technology MCP40D17T Datasheet HTML 15Page - Microchip Technology MCP40D17T Datasheet HTML 16Page - Microchip Technology MCP40D17T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 13
MCP40D17/18/19
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-1:
Interface Active Current
(IDD) vs. SCL Frequency (fSCL) and Temperature
(VDD = 1.8V, 2.7V and 5.5V).
FIGURE 2-2:
Interface Inactive Current
(ISHDN) vs. Temperature and VDD.
(VDD = 1.8V, 2.7V and 5.5V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
10
20
30
40
50
60
-40
0
40
80
120
Temperature (°C)
100 kHz, 5.5V
400 kHz, 5.5V
100 kHz, 2.7V
400 kHz, 2.7V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-40
0
40
80
120
Temperature (°C)
5.5V
2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com