Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243T-BE/ST Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP98243T-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T-BE/ST Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP98243T-BE/ST Datasheet HTML 32Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 33Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 34Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 35Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 36Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 37Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 38Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 39Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
MCP98243
DS22153B-page 36
© 2009 Microchip Technology Inc.
5.3.2
PAGE WRITE
The write Address Byte, word address and the first data
byte are transmitted to the MCP98243 in the same way
as in a byte write. Instead of generating a Stop
condition, the master transmits up to 15 additional data
bytes to the MCP98243, which are temporarily stored
in the on-chip page buffer and will be written into the
memory after the master has transmitted a Stop
condition. Upon receipt of each word, the four lower
order address pointer bits are internally incremented by
one. The higher order four bits of the word address
remain constant. If the master should transmit more
than 16 bytes prior to generating the Stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the Stop condition is received, an
internal write cycle will begin (Figure 5-15).
FIGURE 5-15:
Timing Diagram for Page Write (See Section 4.0 “Serial Communication”).
Note:
Page write operations are limited to writing
bytes within a single physical page,
regardless of the number of bytes actually
being written. Physical page boundaries
start at addresses that are integer
multiples of the page buffer size (or ‘page
size’) and end at addresses that are
integer multiples of [page size - 1]. If a
Page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page, as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.
SDA
A
C
K
10
1
0
A
XX
X
X
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
3
4
5
678
SCL
X
Address Byte
W
MCP98243
MCP98243
Data at (n)
A
C
K
P
1
2
3
4
5
678
1
2
3
4
567
8
Data at (n+1)
Word Address (n)
MCP98243
MCP98243
XX
X
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
A
C
K
Data at (n+15)
MCP98243
XX
X
XX
X
A
C
K
Note:
n is the initial address for a page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com