Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243T-BE/ST Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP98243T-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243T-BE/ST Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP98243T-BE/ST Datasheet HTML 36Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 37Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 38Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 39Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 40Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 41Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 42Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 43Page - Microchip Technology MCP98243T-BE/ST Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 62 page
background image
MCP98243
DS22153B-page 40
© 2009 Microchip Technology Inc.
5.3.4
READ OPERATION
Read operations are initiated in the same way as write
operations, with the exception that the R/W bit of the
slave address is set to ‘1’. There are three basic types
of read operations: current address read, random read
and sequential read.
5.3.4.1
Current Address Read
The MCP98243 contains an address counter that
maintains the address of the last word accessed,
internally incremented by ‘1’. Therefore, if the previous
access (either a read or write operation) was to
address n, the next current address read operation
would access data from address n+1. Upon receipt of
the slave address with R/W bit set to ‘1’, the MCP98243
issues an acknowledge and transmits the 8-bit data
word. The master will not acknowledge (NAK) the
transfer but does generate a Stop condition and the
MCP98243 discontinues transmission (Figure 5-19).
FIGURE 5-19:
Reading Current Word Address (See Section 4.0 “Serial Communication”).
TABLE 5-5:
DEVICE RESPONSE WHEN READING SWP/CWP/PWP (NOTE)
Status
Command
ACK
Address
ACK
Data Byte
ACK
Not Protected
SWP/CWP/PWP
ACK
X
NoACK
X
NoACK
Protected with SWP
SWP
NoACK
X
NoACK
X
NoACK
CWP
ACK
X
NoACK
X
NoACK
PWP
ACK
X
NoACK
X
NoACK
Permanently Protected
SWP/CWP/PWP
NoACK
X
NoACK
X
NoACK
Note:
X is defined as ‘don’t care’.
10
1
0
A
A
C
K
N
A
K
S
P
2
A
1
A
0
12
3
4
5
6
7
8
1
2
3
4
567
8
Address Byte
Current Word Address
R
MCP98243
Master
SDA
SCL
00
0
0
0
00
0
Note:
In this example, the current word address is the
previously accessed address location n plus 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com